Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJF31A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJF31A
Description  SILICON PLANAR POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF31A Datasheet(HTML) 2 Page - Continental Device India Limited

  CJF31A Datasheet HTML 1Page - Continental Device India Limited CJF31A Datasheet HTML 2Page - Continental Device India Limited CJF31A Datasheet HTML 3Page - Continental Device India Limited CJF31A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR POWER TRANSISTORS
NPN
PNP
CJF31
CJF32
CJF31A
CJF32A
CJF31B
CJF32B
CJF31C
CJF32C
TO-220FP Fully Isolated
Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
DC Current Gain
hFE *IC=1.0A, VCE=4V
25
-
IC=3.0A, VCE=4V
10
50
Collector Emitter Saturation Voltage
VCE(sat) *IC=3A, IB=375mA
-
1.2
V
Base Emitter on Voltage
VBE(on) *IC=3.0A, VCE=4V
-
1.8
V
DYNAMIC CHARACTERISTICS
Current Gain - Bandwidth Product **
fT
IC=500mA, VCE=10V
3.0
-
MHz
ftest=1MHz
Small Signal Current Gain
lhfel
IC=0.5A, VCE=10V
20
-
f=1kHz
* Pulse Test: Pulse Width <
300µs, Duty Cycle <2 %
** fT= Ihfel ftest.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com