Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJF32C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJF32C
Description  SILICON PLANAR POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF32C Datasheet(HTML) 1 Page - Continental Device India Limited

  CJF32C Datasheet HTML 1Page - Continental Device India Limited CJF32C Datasheet HTML 2Page - Continental Device India Limited CJF32C Datasheet HTML 3Page - Continental Device India Limited CJF32C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER TRANSISTORS
NPN
PNP
CJF31
CJF32
CJF31A
CJF32A
CJF31B
CJF32B
CJF31C
CJF32C
TO-220FP Fully Isolated
Plastic Package
Designed for use in General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CJF31
CJF31A
CJF31B
CJF31C
UNIT
CJF32
CJF32A
CJF32B
CJF32C
Collector Base Voltage
VCBO
40
60
80
100
V
Collector Emitter Voltage
VCEO
40
60
80
100
V
Emitter Base Voltage
VEBO
5V
Collector Current - Continuous
IC
3A
Peak
5A
Base Current
IB
1A
Total Power Dissipation @ Tc=25ºC
PD
40
W
Derate Above 25ºC
0.32
W/ºC
Total Power Dissipation @ Ta=25ºC
PD
2W
Derate Above 25ºC
0.016
W/ºC
Operating and Storage Junction
Tj,Tstg
-65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
From Junction to Ambient
Rth(j-a)
62.5
ºC/W
From Junction to Case
Rth(j-c)
3.125
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter (sus) Voltage
VCEO (sus) *IC=30mA, IB=0
CJF31, CJF32
40
-
V
CJF31A, CJF32A
60
-
V
CJF31B, CJF32B
80
-
V
CJF31C, CJF32C
100
-
V
Collector Cut off Current
ICEO
CJF31/31A, CJF32/32A
VCE=30V, IB=0
-
0.3
mA
CJF31B/31C, CJF32B/32C
-
0.3
mA
VCE=60V, IB=0
Collector Cut off Current
ICES
VCE=Rated VCES, VEB=0
-
200
µA
Emitter Cut off Current
IEBO
VBE=5V, IC=0
-
1.0
mA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJF32C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF3055 CDIL-CJF3055 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF3055 CDIL-CJF3055 Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF3055NPN CDIL-CJF3055NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF32C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com