Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB22 Datasheet(PDF) 5 Page - E-SWITCH

Part # LB22
Description  LB22 Series Pushbutton Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LB22 Datasheet(HTML) 5 Page - E-SWITCH

  LB22 Datasheet HTML 1Page - E-SWITCH LB22 Datasheet HTML 2Page - E-SWITCH LB22 Datasheet HTML 3Page - E-SWITCH LB22 Datasheet HTML 4Page - E-SWITCH LB22 Datasheet HTML 5Page - E-SWITCH LB22 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-switch.com
800.867.2717
5
XXX Series
LB22 Series Pushbutton Switch
Body Dimensions
Non-Illuminated
Panel Cutout
SHEET OF
4
5
8/16/2022
LB22 Catalog Drawing
PANEL THICKNESS 6mm MAX.
TERMINAL 3
TERMINAL 6
TERMINAL 2
TERMINAL 5
TERMINAL 4
TERMINAL 1
.50
[.020 in]
14.7
[.58 in]
Panel Thickness
6mm Max.
5.50
[.22 in]
29.2
[1.1 in]
2.00
[.08 in]
36.4
[1.43 in]
2.80
[.110 in]
10.00
[.394 in]
5.00
[.197 in]
GASKET
21.80
[.858 in]
25.00
[.984 in]
ACTUATOR (PLASTIC)
COLOR: SILVER
BEZEL (PLASTIC)
COLOR: SILVER
17.90
[
.705 in]
25.00
[
.984 in]
4
6
5
1
3
2
22.00
- .00
.20
+
.866 -.000
.008
+
in
[
]
DPDT Non-Illum Schematic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com