Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL458A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL458A
Description  HIGH SPEED SILICON DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL458A Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL458A Datasheet HTML 1Page - Continental Device India Limited CLL458A Datasheet HTML 2Page - Continental Device India Limited CLL458A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON DIODES
CLL458A
CLL459A
SOD - 80C
Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a black band
Hermetically Sealed, Glass Silicon Diodes
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CLL458A
CLL459A
UNIT
Peak Repetitive Reverse Voltage
VRRM
180
200
V
Reverse Voltage
VR
150
175
V
Forward Current
IF
200
mA
Average Rectified Current
IO
200
mA
Power Dissipation
PD
500
mW
Operating and Storage Junction
Tj, Tstg
- 65 to +200
º C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Forward Voltage
VF
IF=50 mA
-
0.90
V
IF=150 mA
-
0.98
V
IF=200 mA
-
1.0
V
IF=300 mA
-
1.1
V
Reverse Current
IR
CLL458A
VR=150V
-20
nA
CLL459A
VR=175V
-20
nA
Reverse Breakdown Voltage
VRRM
IR=100µA
CLL458A
180
-
V
CLL459A
200
-
V
Reverse Recovery Time When
trr
IF=IR=10mA,
-
3.0
µs
Switched From
Recovery to 1.0mA
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CLL458A_459ARev140901


Similar Part No. - CLL458A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL457A CENTRAL-CLL457A Datasheet
98Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL457A CENTRAL-CLL457A Datasheet
321Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL457A CENTRAL-CLL457A_10 Datasheet
321Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL459A CENTRAL-CLL459A Datasheet
98Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL459A CENTRAL-CLL459A Datasheet
321Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
More results

Similar Description - CLL458A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BAS19 TEL-BAS19 Datasheet
104Kb / 3P
SILICON PLANAR HIGH SPEED DIODES
LL458A TEL-LL458A Datasheet
151Kb / 2P
HIGH SPEED SILICON DIODES
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
CLL4150 CDIL-CLL4150 Datasheet
284Kb / 3P
HIGH SPEED SILICON DIODES
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
BAV100 CDIL-BAV100 Datasheet
338Kb / 3P
HIGH SPEED SILICON DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com