Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUT75-522/TA Datasheet(PDF) 1 Page - TDK Electronics

Part # CUT75-522/TA
Description  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CUT75-522/TA Datasheet(HTML) 1 Page - TDK Electronics

  CUT75-522/TA Datasheet HTML 1Page - TDK Electronics CUT75-522/TA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC-DC Power Supplies
1 of 2
Creation Date : June 03, 2022 (GMT)
CUT75-522/TA
RoHS
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
CUT
Model
CUT75
Status
Production
Feature
2MOOP
Medical certification
Options
With cover
With terminal block
Option Lineup
Please refer to here.
Recommended EMC Filter
Accessories
Brand
TDK-Lambda
Electrical Characteristics
Input
Single-phase
Input Voltage Range[AC]
85 to 265Vac
Input Voltage Range[DC]
Efficiency
85% Typ.
Rated Output Voltage[DC]
+5Vdc +12Vdc -12Vdc
Output Voltage Range[DC]
+5 to
+5.25Vdc
Fixed
Fixed
Minimum Output Current
0A 0A 0A
Maximum Output Current
8A 3A 1A
Maximum Average Current
8A
2.5A 0.5A
Maximum Peak Current
Total Maximum(Average) Output Power
76W
Total Maximum Peak Power
Package Type & Size
Package / Mounting
Enclosed / Unit type
Industry Standard Size
Width(W)
130mm Nom. (5.12in Nom.)
Height(H)
38mm Nom. (1.50in Nom.)
Depth(D)
82mm Nom. (3.23in Nom.)
Weight
400g Typ. (0.9lbs Typ.)


Similar Part No. - CUT75-522/TA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CUT75-522/T TDK-CUT75-522/T Datasheet
223Kb / 2P
AC-DC Power Supplies
CUT75-522/TB TDK-CUT75-522/TB Datasheet
224Kb / 2P
AC-DC Power Supplies
More results

Similar Description - CUT75-522/TA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com