Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT847 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT847
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT847 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT847 Datasheet HTML 1Page - Continental Device India Limited CMBT847 Datasheet HTML 2Page - Continental Device India Limited CMBT847 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT847
SOT23
MARKING: AS BELOW
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
50
V
Collector -Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current
IC
200
mA
Collector Power Dissipation
PC
150
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta= 25 deg C unless otherwise specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=100uA, IB=0
50
-
-
V
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
100
nA
DC Current Gain
hFE(1)
IC=1mA,VCE=6V
150
-
800
hFE(2)
IC=0.1mA,VCE=6V
50
-
-
Collector Emitter Saturation Voltage
VCE(Sat) IC=100mA,IB=10mA
-
-
0.30
V
Base Emitter Saturation Voltage
VBE(Sat) IC=100mA,IB=10mA
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=6V,IC=10mA,
-
200
-
MHz
Collector Output Capacitance
Cob
VCB=6V, IE=0
-
2.5
-
pF
f=1MHz
Noise Figure
NF
VCE=6V, IE=0.1mA
-
-
15
dB
f=1kHz, Rg=2kohms
CLASSIFICATION
E
F
G
hFE(1)
150-300
250-500
400-800
MARKING
NE
NF
NG
PIN CONFIGURATION (NPN)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT847

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT8050 CDIL-CMBT8050 Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050C CDIL-CMBT8050C Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050D CDIL-CMBT8050D Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050E CDIL-CMBT8050E Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8098 CDIL-CMBT8098 Datasheet
143Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CMBT847

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com