Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-051 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED-051
Description  Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LED-051 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED-051 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED-051 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Plazmo Industries
2
This is a universal LED kit that includes 2 high brightness LED strips, a DC-DC LED driver, and a
wire harness.
The LED strips can be easily trimmed in designated increments every 3 LEDs, to
fit any size LCD from 10.4"-24". This is known as a cut-to-fit model. This LED bar can be used for
LED replacement or CCFL conversion.
LED Strip Specifications:
•
LED Strip Dimensions: 540x4x2mm
•
LED Chip Quantity: 96
•
LED Chip Size: 3528
•
Connector: 2 pin JST
•
Color temp: 8500k-11000k
LED Driver/Inverter Specifications:
•
Dimensions: 7cm x 2cm
•
Input: 9-30V DC
•
Output: 9.6V DC
•
Dimmable, connect to the ADJ pin to allow dimming
•
Pin assignments definition, from Red to Black in the picture:
1. V IN, 9-30V (red)
2. ON/OFF, 0V=OFF, 2V-5V=ON (yellow)
3. ADJ Dimming/Brightness, 0V-5V, 0V=Max Brightness, 5V=Min Brightness
(yellow)
4. GND Ground (black)
Make sure you have an appropriate power supply before installing. The driver is expecting
analog DC voltage.
NOTE: Plazmo does not have user manuals because every model of LCD power supply board is
different. The customer must have some technical expertise to identify the power source on
the monitor power supply board.
This LED bar is suitable for both LED and CCFL backlight replacements.
This product is commonly used for replacing backlights in a variety of different LCD panels
found in gaming machines, POS, ATM and many other applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com