Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2222 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CMBT2222
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2222 Datasheet(HTML) 3 Page - Continental Device India Limited

  CMBT2222 Datasheet HTML 1Page - Continental Device India Limited CMBT2222 Datasheet HTML 2Page - Continental Device India Limited CMBT2222 Datasheet HTML 3Page - Continental Device India Limited CMBT2222 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 4
CMBT2222
CMBT2222A
D.C. current gain
IC = 0,1 mA; VCE = 10V
hFE
>35
IC = 1 mA; VCE = 10V
hFE
>50
lC = 10 mA; VCE = 10 V
hFE
>75
lC = 10 mA; VCE = 10 V; Tamb = –55 °C hFE
>35
IC = 150mA; VCE = 10V
hFE
100 to 300
IC = 150 mA; VCE = 1 V
hFE
>50
IC = 500 mA; VCE = 10 V
hFE
>30
40
Transition frequency at f = 100 MHz
IC = 20 mA; VCE = 20 V
fT
>
250
300
MHz
Output capacitance at f = 1 MHz
IE = 0; VCB = 10V
Co
<
8,0
pF
Input capacitance at f = 1 MHz
IC = 0; VEB = 0,5V
Ci
<
30
25
pF
Noise figure at RS = 1 kΩ
IC = 100µA; VCE = 10V; f = 1 kHz
F
<
4,0
dB
Switching times (between 10% and 90% levels)
Turn–on time switched to Ic = 150 mA
delay time
td
<10
ns
rise time
tr
<25
ns
Turn–off time switched from Ic = 150 mA
storage time
ts
<
225
ns
fall time
tf
<60
ns
Small Signal Current Gain
VCE = 10V; IC = 1 mA; f = 1 KHz
hfe
>50
<
300
VCE = 10V; IC = 10mA; f = 1 KHz
hfe
>75
<
375
CMBT2222
CMBT2222A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com