Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT857F Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT857F
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT857F Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT857F Datasheet HTML 1Page - Continental Device India Limited CMBT857F Datasheet HTML 2Page - Continental Device India Limited CMBT857F Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT857
SOT23
MARKING: AS BELOW
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current
IC
200
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
125
deg C
Storage Temperature
Tstg
-55 to +125
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C unless otherwise specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=100uA, IB=0
50
-
-
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
100
nA
DC Current Gain
hFE(1)
IC=1mA,VCE=6V
150
-
500
hFE(2)
IC=0.1mA,VCE=6V
90
-
-
Collector Emitter Saturation Voltage
VCE(Sat) IC=100mA,IB=10mA
-
-
0.30
V
Base Emitter Saturation Voltage
VBE(Sat) IC=100mA,IB=10mA
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=6V,IC=10mA,
-
200
-
MHz
Collector Output Capacitance
Cob
VCB=6V, IE=0
-
4.0
-
pF
f=1MHz
Noise Figure
NF
VCE=6V, IE=0.3mA
-
-
20
dB
f=100Hz, Rg=10kohms
CLASSIFICATION
E
F
hFE(1)
150-300
250-500
MARKING
PE
PF
PIN CONFIGURATION (PNP)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT857F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT8550 CDIL-CMBT8550 Datasheet
174Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8550C CDIL-CMBT8550C Datasheet
174Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8550D CDIL-CMBT8550D Datasheet
174Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8550E CDIL-CMBT8550E Datasheet
174Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8598 CDIL-CMBT8598 Datasheet
121Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - CMBT857F

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Bytesonic Electronics C...
MMBT8550 BYTESONIC-MMBT8550 Datasheet
416Kb / 3P
PNP Silicon Epitaxial Planar Transistor
2018/7/3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com