Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRACERDAQPRO Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB-2404 Series
Specifications (USB-2404-10/USB-2404-60)
USB-2404-10 and USB-2404-60
Analog Input
Number Of Channels: 4
A/D Converter Resolution: 24-bit
A/D Converter Type: Delta-Sigma with analog pre-filtering
Sampling Mode: Simultaneous
Sample Rate: 1.613 kS/s to 50 kS/s1
Sample Rates (ƒ
s):
Internal Master Timebase: Frequency: 12.8 MHz
Accuracy: ±100 ppm maximum
Input Voltage Ranges (CH+ to CH–)
USB-2404-10
±10 V nominal
±10.52 V typ
±10.3 min
USB-2404-60
±60 V nominal
±62.64 V typ
±61.5 V min
Overvoltage Protection: ±100 V
Input Coupling: DC
Input Impedance (CH+ to CH–): 1 MΩ
Input Noise
USB-2404-10: 70 µV rms
USB-2404-60: 320 µV rms
Gain Drift: ±5 ppm/ºC
Offset Drift
USB-2404-10: ±24 µV/ºC
USB-2404-60: ±150 µV/ºC
Post Calibration Gain Match (Channel-to- Channel, 20 kHz): 0.22 dB max
Crosstalk (1 kHz): –130 dB
Phase Mismatch (Channel-to-Channel)
USB-2404-10: 0.075º/kHz max
USB-2404-60: 0.045º/kHz max
Phase Nonlinearity (ƒ
s= 50 kS/s): 0.11º max
Input Delay
USB-2404-10: 38.4 +3 µs
USB-2404-60: 38.4 +2.6 µs
Passband Frequency: 0.453
Passband Flatness (ƒ
s= 50 kS/s): ±100 mdB max
Stopband Frequency: 0.547 · ƒ
s
Stopband Rejection: 100 dB
Alias-Free Bandwidth: 0.453 · ƒ
s
–3 db Pre-Filter Bandwidth (ƒ
s= 50 kS/s): 24.56 kHz
Common Mode Rejection Ratio (ƒ
in= 60 Hz):
USB-2404-10: 126 dB
USB-2404-60: 116 dB
Spurious Free Dynamic Range (1 kHz, –60 dBFS): –128 dBFS
Total Harmonic Distortion
1 kHz, –1 dBFS: –99 dB
1 kHz, –20 dBFS:–105 dB
1 Full performance requires connections to a USB 2.0 Hi-Speed host controller
and USB 2.0 high-speed hubs.) The maximum sample rate may be lower on
USB 1.1 ports.
(ƒ
M ÷ 256)
n
, n = 1, 2, ... 31.
Accuracy
Measurement
Conditions
Percent of Reading
(Gain Error)
Percent of Range*
(Offset Error)
Calibrated
Maximum
(–0 ºC To 60 ºC)
±0.13%
±0.05%
Calibrated
Typical
(25 ºC, ±5 ºC)
±0.03%
±0.008%
Uncalibrated
Maximum
(–0 ºC To 60 ºC)
USB-2404-10: ±1.4%
USB-2404-60: ±1.2%
USB-2404-10: ±0.67%
USB-2404-60: ±0.55%
Uncalibrated
Typical
(25 ºC, ±5 ºC)
±0.3%
±0.11%
* The USB-2404-10 range equals 10.52 V.
The USB-2404-60 range equals 62.64 V.
Power
Current Consumption from USB: 500 mA, max
Bus Interface
USB Specification: USB 2.0 Hi-Speed mode (480 Mbps) is recommended. Other-
wise, USB 1.1 Full Speed mode (12 Mbps)
Environmental
Operating Temperature Range: 0 °C to 60 °C
Storage Temperature Range: –40 °C to 85 °C
Operating Humidity: 10% to 90% relative humidity, non-condensing
Storage Humidity: 5% to 95% relative humidity, non-condensing
Maximum Altitude: 2000 m (6562 feet)
Pollution Degree (IEC60664): 2
Mechanical
Dimensions (L × W × H): 114.30 × 139.7 × 38.1 mm (4.5 × 5.5 × 1.5 in)
Weight: 1.2 lbs. (544 grams)
Safety Voltages
Connect only voltages that are within the limits specified in this table.
Channel-to-Earth Ground Isolation
Continuous: 250 Vrms, Measurement Category II
Measurement Category II is for measurements performed on circuits
directly connected to the electrical distribution system. This cat-
egory refers to local-level electrical distribution, such as that provided
by a standard wall outlet, for example 115 V for US or 230 V for Europe.
Do not connect the device to signals or use for measurements within Measure-
ment Categories III or IV.
Withstand: 2,300 Vrms, verified by a 5 sec dielectric withstand test
Channel-to-Channel Isolation
Continuous: 250 Vrms, Measurement Category II (Note 4)
Withstand: 1390 Vrms, verified by a 5 sec dielectric withstand test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com