Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2484 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT2484
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2484 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT2484 Datasheet HTML 1Page - Continental Device India Limited CMBT2484 Datasheet HTML 2Page - Continental Device India Limited CMBT2484 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CMBT2484
SOT23
MARKING: 1U
LOW NOISE TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
6
V
Collector Current -Continuous
IC
50
mA
Device Dissipation FR-5 Board*
PD
225
mW
Derate above 25 deg C
1.8
mW/deg C
Thermal Resistance Junction to Ambient
Rth (j-a)
556
deg C/W
Device Dissipation Alumina Substrate**
PD
300
mW
Derate above 25 deg C
2.4
mW/deg C
Thermal Resistance Junction to Ambient
Rth (j-a)
417
deg C/W
Junction and Storage Temperature Range
Tj,Tstg
-55 to +150
deg C
*FR-5=1.0X0.75X0.062 in
**Alumine=0.4x0.3x0.024 in 99.5% alumina.
ELECTRICAL CHARACTERISTICS (TA=25 deg C unless otherwise noted)
CHARACTERISTICS
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=O
60
-
-
V
Collector -Base Voltage
VCBO
IC=10uA, IE=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
-
V
Collector Cut off Current
ICBO
VCB=45V, IE=0
-
-
10
nA
VCB=45V, IE=0
-
-
10
uA
TA=150 deg C
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
10
nA
DC Current Gain
hFE
IC=1mA, VCE=5V
250
-
-
IC=10mA, VCE=5V
-
-
800
Collector Emitter Saturation Voltage
VCE(Sat) IC=1mA,IB=0.1mA
-
-
0.35
V
Base Emitter On Voltage
VBE(on) IC=1mA, VCE=5V
-
-
0.95
V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
VCB=5V, IE=0
-
-
6.0
pF
f=1MHz
Input Capacitance
Cibo
VBE=0.5V, IC=0
-
-
9.0
pF
f=1MHz
Noise Figure
NF
IC=10uA, VCE=5V
-
-
4.0
dB
RS=10 kohms
f=1kHz, BW=200Hz
PIN CONFIGURATION (NPN)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT2484

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT200 CDIL-CMBT200 Datasheet
173Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT200A CDIL-CMBT200A Datasheet
173Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT2222 CDIL-CMBT2222 Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT2222A CDIL-CMBT2222A Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Rectron Semiconductor
CMBT2222A RECTRON-CMBT2222A Datasheet
81Kb / 3P
NPN Silicon Planar Epitaxial Transistors
More results

Similar Description - CMBT2484

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com