Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2907 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT2907
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2907 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT2907 Datasheet HTML 1Page - Continental Device India Limited CMBT2907 Datasheet HTML 2Page - Continental Device India Limited CMBT2907 Datasheet HTML 3Page - Continental Device India Limited CMBT2907 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
CMBT2907
CMBT2907A
Collector–base voltage (open emitter)
–VCB0
max. 60
60
V
Collector–emitter voltage (open base)
–VCE0
max. 40
60
V
Emitter–base voltage (open collector)
–VEB0
max.
5,0
V
Collector current (d.c.)
–I C
max.
600
mA
Power dissipation up to Tamb = 25 °C
Ptot
max.
250
mW
Storage temperature range
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL RESISTANCE
From junction to ambient in free air
Rth j–a
=
500
K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
CMBT2907
CMBT2907A
IE = 0; –VCB = 50V
–ICB0
<20
10
nA
IE = 0; –VCB = 50V; Tj = 125° C
–ICB0
<20
10
µA
–VEB = 0,5 V; –VCE = 30 V
–ICEX
<50
nA
Base current
with reverse biased emitter junction
–VEB = 3V; –VCE = 30V
–IBEX
<50
nA
Saturation voltages
–IC = 150 mA; –lB = 15 mA
–VCEsat
<
0,4
V
–VBEsat
<
1,3
V
–IC = 500 mA; –lB = 50 mA
–VCEsat
<
1,6
V
–VBEsat
<
2,6
V
Collector–base breakdown voltage
Open emitter; –IC = 10 µA; IE = 0
–V(BR)CBO >
60
V
Collector–emitter breakdown voltage
Open base; –IC = 10 mA; lB: 0–V(BR)CEO >40
60
V
Emitter–base breakdown voltage
Open collector; –IE = 10 µA; IC = 0
–V(BR)EBO >
5,0
V
CMBT2907
CMBT2907A
D.C. current gain
–IC = 0,1 mA; –VCE = 10 V
hFE
>35
75
–IC = 1 mA; –VCE = 10 V
hFE
>
50
100
–IC = 10 mA; –VCE = 10 V
hFE
>
75
100
–IC = 150mA; —VCE = 10V
hFE
100 to 300
–IC = 500mA; –VCE = 10V
hFE
>30
50
CMBT2907
CMBT2907A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com