Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT3903 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT3903
Description  SILICON EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT3903 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT3903 Datasheet HTML 1Page - Continental Device India Limited CMBT3903 Datasheet HTML 2Page - Continental Device India Limited CMBT3903 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON EPITAXIAL TRANSISTORS
N–P–N transistors
Marking
CMBT3903 = 1Y
CMBT3904 = 1A
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
VCB0
max.
60 V
Collector–emitter voltage (open base)
VCE0
max.
40 V
Emitter–base voltage (open collector)
VEB0
max.
6 V
Collector current (DC)
IC
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
DC current gain
CMBT3903
>
50
IC = 10 mA; VCE = 1 V
hFE
<
150
CMBT3904
>
100
IC = 10 mA; VCE = 1 V
hFE
<
300
Transition frequency at f = 35 MHz
IC = 10 mA; VCE = 20 V
fT
>
300 MHz
CMBT3903
CMBT3904
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT3903

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBT3904 RECTRON-CMBT3904 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
logo
Central Semiconductor C...
CMBT3904E CENTRAL-CMBT3904E Datasheet
209Kb / 2P
COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E Datasheet
358Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E Datasheet
358Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E_10 Datasheet
358Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMBT3903

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBTA42 CDIL-CMBTA42 Datasheet
80Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA05 CDIL-CMBTA05 Datasheet
156Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA55 CDIL-CMBTA55 Datasheet
132Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA92 CDIL-CMBTA92 Datasheet
141Kb / 3P
SILICON EPITAXIAL TRANSISTORS
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
BF820 TEL-BF820 Datasheet
51Kb / 2P
SILICON EPITAXIAL TRANSISTORS
BF821 TEL-BF821 Datasheet
55Kb / 2P
SILICON EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BF821 CDIL-BF821 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
BF820 CDIL-BF820 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com