Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-312-RJ22A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TPC-312-RJ22A
Description  12.1" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-312-RJ22A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-312-RJ22A Datasheet HTML 1Page - Advantech Co., Ltd. TPC-312-RJ22A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Thin-Client Terminals
Features
Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 311.8 x 238 x 67 mm (12.28 x 9.37 x 2.64 in)
ƒ
Enclosure
Front bezel: Die cast aluminum alloy
Back housing: Die cast aluminum alloy
ƒ
Mount Options
VESA mount, Desktop/wall/panel
ƒ
OS Support
Windows 10 Enterprise LTSC, Advantech Linux, Android
ƒ
Power Consumption
TBD
ƒ
Power Input
24 VDC +/- 20%
ƒ
Watchdog Timer
15 ~ 255 sec (system)
ƒ
Weight (Net)
4.2kg (9.26lbs)
System Hardware
ƒ
CPU
Intel® Atom™ 6425E 2.00 GHz, quad core / Celeron®
J6412 2.00 GHz, quad core processor
ƒ
Memory
1 x SODIMM with 4 GB DDR4 SDRAM (up to 32 GB)
ƒ
LAN
2 x Intel® I211; 10/100/1000 BASE-T
ƒ
Expansion Slots
1 x Full-size mini PCIe
ƒ
Storage
1 x M.2 B key 2242/ 2280 (SATA/ USB3.0)
3042/ 3052 (5G)
1 x 2.5" SSD/ HDD (SATA, Max. 7mm)
ƒ
I/O
1 x RS-232
1 x RS-232/422/485
3 x USB 3.2
1 x USB 2.0
1 x iDoor slot
1 x Displayport (Video output)
1 x Audio line out/ mic in
1 x Remote Power Buttom
LCD
ƒ
Display Type
XGA TFT LED LCD
ƒ
Display Size
12.1'' (4:3)
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Colors
16.2M
ƒ
Luminance cd/m2
600
ƒ
Viewing Angle (H/V°)
178°/178°
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
1000:1
Touchscreen
ƒ
Lifespan
36 million touches at a single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
5-wire analog resistive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40 °C, non-condensing
ƒ
Ingress Protection
IP66-rated front panel
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 70 °C (-22 ~ 158 °F)
ƒ
Vibration Protection
With SSD: 1 Grms (5 ~ 500 Hz)
(operating, random vibration)
ƒ
Industrial-grade 12.1" XGA TFT LCD with 50K lifetime and LED backlight
ƒ
Intel® Elkhart Lake (EHL) Atom™ 6425E 2.00 GHz quad-core / Celeron®
J6412 2.00 GHz quad-core processor with 4 GB DDR4 SDRAM
ƒ
True-flat touchscreen with 5-wire resistive touch control and IP66-rated front
panel
ƒ
Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ
Front-facing LED indicators to show operating status
ƒ
Built-in Advantech iDoor technology, SSD/HDD bay and VESA mount
ƒ
Compact, fanless system with aluminum alloy front bezel and chassis
grounding protection
ƒ
Supports Advantech’s SNMP Subagent software
ƒ
Supports Advantech’s WISE-PaaS/RMM remote management software
12.1" XGA Elkhart Lake Thin-Client Terminal
with Intel® Atom™/ Celeron® Processor
Introduction
TPC-312 EHL thin-client terminal is a industrial panel PC model equipped with 12.1" XGA TFT LED LCD, low-power Intel® Atom™ 6425E 2.00 GHz quad-core / Celeron® J6412
2.00 GHz quad-core processor, and 4 GB of DDR4 SDRAM. TPC-312 EHL delivers high-performance computing in a compact, fanless system. For enhanced durability to satisfy
diverse industrial automation applications, TPC-312 EHL supports a wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F) and features a true-flat 5-wire resistive touchscreen
with IP66-rated front panel, die-cast aluminum alloy front bezel, and bult-in 100 x 100 VESA mount. Moreover, with the provision of one full-size mini PCIe slot, which supports
USB/PCIe interface for Advantech's iDoor technology, TPC-312 EHL can be easily expanded to provide additional I/O ports, isolated digital I/O, fieldbus protocols, MRAM, and 5G/
GPS/GPRS/Wi-Fi communication capabilities.
Rear View
TPC-312 EHL
A. Default HDD/SSD Bay
B. iDoor slot
C.RS-232/422/485
D.RS-232
E. Audio line out/ mic in
F. Display Port
G.USB 3.2/2.0
H. LAN (10/100/1000)
I. Remote Power Button
J. Power Receptor
A
C
E F
H I J
G
D
B
All product specifications are subject to change without notice.
Last updated: 10-Sep-2021


Similar Part No. - TPC-312-RJ22A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-312-R833A ADVANTECH-TPC-312-R833A Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-312-R833B ADVANTECH-TPC-312-R833B Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-312-R853A ADVANTECH-TPC-312-R853A Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-312-R853B ADVANTECH-TPC-312-R853B Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-312-R873A ADVANTECH-TPC-312-R873A Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
More results

Similar Description - TPC-312-RJ22A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1051WP ADVANTECH-TPC-1051WP Datasheet
1Mb / 2P
10.1" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1251T ADVANTECH-TPC-1251T Datasheet
520Kb / 2P
12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-315-EHL ADVANTECH-TPC-315-EHL Datasheet
544Kb / 2P
15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-317-EHL ADVANTECH-TPC-317-EHL Datasheet
526Kb / 2P
17" SXGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
7-Apr-2022
TPC-324W-EHL ADVANTECH-TPC-324W-EHL Datasheet
546Kb / 2P
23.8" FHD Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-1551T-B ADVANTECH-TPC-1551T-B Datasheet
478Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1551WP ADVANTECH-TPC-1551WP Datasheet
1Mb / 2P
15.6" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
9-Apr-2021
TPC-1751T ADVANTECH-TPC-1751T Datasheet
504Kb / 2P
17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com