Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-312-R873A Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-312-R873A
Description  12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-312-R873A Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-312-R873A Datasheet HTML 1Page - Advantech Co., Ltd. TPC-312-R873A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
TPC-312
Dimensions
Ordering Information
ƒ
TPC-312-R833A
12.1" XGA Panel PC, Intel® Core™ i3-8145UE 2.20GHz
Dual-core Processor, 8G DDR4 RAM
ƒ
TPC-312-R853A
12.1" XGA Panel PC, Intel® Core™ i5-8365UE 1.60GHz
Quad-core Processor, 8G DDR4 RAM
ƒ
TPC-312-R873A
12.1" XGA Panel PC, Intel® Core™ i7-8665UE 1.70GHz
Quad-core Processor, 8G DDR4 RAM
ƒ
TPC-312-R833B
12.1" XGA Panel PC, Intel® Core™ i3-8145UE 2.20GHz
Dual-core Processor, 8G DDR4 RAM
ƒ
TPC-312-R853B
12.1" XGA Panel PC, Intel® Core™ i5-8365UE 1.60GHz
Quad-core Processor, 8G DDR4 RAM
ƒ
TPC-312-R873B
12.1" XGA Panel PC, Intel® Core™ i7-8665UE 1.70GHz
Quad-core Processor, 8G DDR4 RAM
Note:
TPC-3xx-R8xxA version: Intel i210 , 1GbE LAN chipset
TPC-3xx-R8xxB version: Intel i226 , 2.5GbE LAN chipset
Optional Accessories
ƒ
96PSA-A120W24T2-3 120W 24VDC power supply
ƒ
1702002600
Power cable (US) 1.8 M
ƒ
1702002605
Power cable (EU) 1.8 M
ƒ
1702031801
Power cable (UK) 1.8 M
ƒ
1700000596-11
Power cable (China/Australia) 1.8 M
iDoor Modules
ƒ
PCM-24D2R4-BE
Isolated RS-422/485, DB9 x 2, (USB type)
ƒ
PCM-24D2R2-BE
Isolated RS-232, DB9 x 2, (USB type)
ƒ
PCM-24R1TP-AE
1-Port Gigabit Ethernet, Intel® 82574L, mPCIe, RJ45
ƒ
PCM-27D24DI-AE
Digital I/O, 16 DI / 8 DO, Isolation, DB37 x 1
ƒ
PCM-24S2WF-CE
802.11 a/b/g/n/ac 2T2R w/BT4.1, Intel AC9260
ƒ
PCM-26D2CA-AE
2-Port Isolated CANBus mPCIe, CANOpen, DB9
ƒ
PCM-23U1DG-CE
Internal locked USB Slot for USB Dongle, mPCIe
ƒ
PCM-24R2GL-AE
2 Port Giga LAN Intel i350 PCIe mini card
ƒ
PCM-24S34G-ABE
TOBY-L200 LTE/HSPA+/GPRS, mPCIe, Ant, America (US)
ƒ
PCM-24S34G-EBE
TOBY-L210 LTE/HSPA+/GPRS, mPCIe, Ant, EMEA/APAC
(AU.EU)
TPC-312 Panel Cutout Dimensions: 303 x 229 mm (11.93 x 9.02 in)
Unit: mm
303 -
0
0.40
311.8
247.2
7
67
301.56
Embedded OS
ƒ
20704WX1HS0006
Img WIN10 LTSC V6.08 B018 TPC-300 High
ƒ
20704WX1VS0006
Img WIN10 LTSC V6.08 B018 TPC-300 Value
ƒ
20703LEB1S0091
Image AdvLinuxTu V2.0.6 for UNO/TPC series
ƒ
Coming Soon
Android
Note : Compatible with both A and B versions
Application Software
Advantech WebAccess/SCADA is a 100%
browser-based IIoT software platform aimed at
supervisory control and data acquisition (SCADA)
operations. WebAccess/SCADA provides open
interfaces that allow our customers and partners to
develop unique IoT applications for different vertical
markets. In addition to supporting traditional SCADA
functions, the platform features an HTML5-based
user interface and intelligent dashboard to facilitate
cross-platform, cross-browser data analysis. Moreover,
WebAccess/SCADA not only offers built-in widgets, but
is also equipped with an innovative Widget Builder that
enables customers to build their own widgets.
Advantech WebAccess/HMI is human-machine
interface (HMI) software based on Microsoft's Windows
operating system. This software features excellent
communication and monitoring capabilities, supports
more than 350 PLC communication protocols, and
offers a wide choice of screen design objects to satisfy
diverse integrations of factory automation and HMI
operation and monitoring requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com