Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-317-R873A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TPC-317-R873A
Description  17" SXGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-317-R873A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-317-R873A Datasheet HTML 1Page - Advantech Co., Ltd. TPC-317-R873A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Thin-Client Terminals
Features
ƒ
Industrial-grade 17" SXGA TFT LCD with 50K lifetime and LED backlight
ƒ
8th Gen. Intel® Core™ i3- 8145UE dual-core/ i5-8365UE quad-core/
i7-8665UE quad-core processor with built-in 8 GB DDR4 SO-DIMM
ƒ
Dual channel memory slots support up to 64G in total
ƒ
Compact, fanless embedded system with aluminum alloy front bezel and
chassis grounding protection
ƒ
True-flat touchscreen with 5-wire resistive touch control and IP66-rated front
panel
ƒ
Support expansion via Full-size Mini PCIe and two M.2 slots (NVMe, 5G)
ƒ
Diverse system I/O and isolated digital I/O via iDoor technology
ƒ
Support fieldbus protocols/GPS/GPRS/Wi-Fi capabilities via iDoor
technology
ƒ
Support TPM2.0 hardware security
17" SXGA TFT LED LCD Touch Panel
Computer with 8th Gen. Intel® Core™ i3/
i5/ i7 Processor, built-in 8G DDR4 RAM
Introduction
TPC-317 touch panel computer is equipped with 17" SXGA TFT LED LCD, low-power 8th Gen. Intel® Core™ i3- 8145UE dual-core/ i5-8365UE quad-core/ i7-8665UE quad-core
processor, and built-in 8 GB DDR4 SO-DIMM delivering high performance yet compact and fanless computing system. To provide enhanced durability and satisfy diverse applications
of industrial automation, TPC-317 features IP66-rated front panel protecting against dust and water ingress, and two extra expansion M.2 M Key, B Key slots supporting NVMe, SATA
or 5G application. With Advantech's iDoor technology integrated via mini PCIe slot for function expansions such as additional I/O ports, isolated digital I/O, fieldbus protocols, GPS/
GPRS/Wi-Fi communication and MRAM. The integrated DP and audio ports allow a secondary monitor and speakers to be attached for increased functionality.
TPC-317
Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, CB/UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 410.4 x 343.4 x 68 mm (16.16 x 13.52 x 2.68 in)
ƒ
Enclosure
Front bezel: Die cast aluminum alloy
Back housing: Die cast aluminum alloy
ƒ
Mounting
VESA Mount, Desktop, Wall or Panel Mount
ƒ
OS Support
Win 10, Android, Linux
ƒ
Power Consumption
45.48W (Typical)
ƒ
Power Input
24 VDC ± 20%
ƒ
Watchdog Timer
15-255 sec (system)
ƒ
Weight (Net)
6.1kg (13.45lbs)
System Hardware
ƒ
CPU
8th Gen. Intel® Core™ i3- 8145UE 2.20 GHz
Dual-core/ i5-8365UE 1.60 GHz Quad-core/ i7-8665UE
1.70 GHz Quad-core processor
ƒ
Memory
Dual channel DDR4 SO-DIMM (Each channel supports
up to 32G)
1 x 8G DDR4 SO-DIMM (Built-in)
ƒ
LAN
2 x 10/100/1000BASE-T (A ver.) or 2.5GbE (B ver.)
ƒ
Expansion Slot
1 x Full-size mini PCIe
1 x SIM (M.2 B Key 4G/5G module)
ƒ
Storage Slot
1 x M.2 M key 2280 (SATA or NVMe PCIe x4)
1 x M.2 B key 2242 (SATA / PCIe)
3042, 3052 (5G)
1 x 2.5" SSD/ HDD (SATA, Max. 7mm)
ƒ
I/O
2 x RS-232/422/485
1 x USB 2.0
4 x USB 3.2 (Gen 2)
1 x iDoor slot
1 x Displayport (Video output)
1 x Audio line out/ mic in
LCD Display
ƒ
Display Type
SXGA TFT LED LCD
ƒ
Display Size
17" (4:3)
ƒ
Max. Resoltuion
1280 x 1024
ƒ
Max Colour
16.7M
ƒ
Luminance cd/m2
300 cd/m2
ƒ
Viewing Angle (H/V°)
160°/140°
ƒ
Backlight Life
50,000 hrs
ƒ
Contrast Ratio
800:1
Touchscreen
ƒ
Lifespan
36 million touches at a single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
5-wire analog resistive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Ingress Protection
IP66-rated front panel
ƒ
Operating Temperature -10~55°C (14~131°F) (w/o air flow)
ƒ
Storage Temperature
-20~70°C (-4~158°F)
ƒ
Vibration Protection
With SSD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
Rear View
A. Default HDD/SSD Bay
B. iDoor slot
C.RS-232/422/485
D.Audio line out/ mic in
E. Display Port
F. USB 2.0
G.LAN
H.USB 3.2 (Gen 2)
I. Power Receptor
B
A
D E
G
F
H
I
C
All product specifications are subject to change without notice.
Last updated: 20-Jul-2022


Similar Part No. - TPC-317-R873A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-317-RE22A ADVANTECH-TPC-317-RE22A Datasheet
526Kb / 2P
17" SXGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
7-Apr-2022
TPC-317-RJ22A ADVANTECH-TPC-317-RJ22A Datasheet
526Kb / 2P
17" SXGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
7-Apr-2022
More results

Similar Description - TPC-317-R873A

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT317-502-FR AXIOMTEK-GOT317-502-FR Datasheet
482Kb / 2P
17 SXGA TFT Expandable Touch Panel Computer with 6/7th Gen Intel Core i7/i5/i3 Processor (0째C to 40째C)
logo
Advantech Co., Ltd.
TPC-315 ADVANTECH-TPC-315 Datasheet
596Kb / 2P
15 XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel짰 Core??i3/ i7 Processor, built-in 8G DDR4 RAM
17-Sep-2021
TPC-312 ADVANTECH-TPC-312 Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-324W ADVANTECH-TPC-324W Datasheet
610Kb / 2P
23.8" FHD TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/i5/i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
TPC-1881WP ADVANTECH-TPC-1881WP Datasheet
745Kb / 2P
18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
TPC-1582H ADVANTECH-TPC-1582H Datasheet
713Kb / 2P
15" XGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
TPC-318WH ADVANTECH-TPC-318WH Datasheet
601Kb / 2P
18.5" WXGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i5 Processor, built-in 8G DDR4 RAM and UL Class 1 Division 2
16-Jan-2023
UTC-120 ADVANTECH-UTC-120_V01 Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
UTC-124 ADVANTECH-UTC-124_V03 Datasheet
1Mb / 4P
23.8" Ubiquitous Touch Computer UTC-124I3 with 11th Gen Intel® Core™ i7/i5/i3 Processor
25-Aug-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com