Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8736SDO2V02S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8736SDO2V02S
Description  NEMA Type S Motor Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8736SDO2V02S Datasheet(HTML) 1 Page - Schneider Electric

  8736SDO2V02S Datasheet HTML 1Page - Schneider Electric 8736SDO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Starter, Type S, reversing,
horizontal, Size 2, 45A, 25 HP at
575 VAC, 5 kA SSCR, 3 phase, 3
pole, melting alloy overload, 120
VAC coil, open
8736SDO2V02S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 2,349.00 USD
Main
Product Type
Starter
Product Range
S
Starter Type
Reversing
Complementary
NEMA Size
2
Rated Current
45 A
Number of Poles
3P
Mounting Orientation
Horizontal
Wiring Mode
3 wires
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type of Overload
Melting alloy 3
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
SCCR
Circuit-breaker: 5 kA at 600 V AC
Fuse: 5 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Terminal Type
Screw clamp terminals
Height
8.50 in (215.90 mm)
Width
9.00 in (228.60 mm)
Depth
6.03 in (153.16 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 16, 2023
1


Similar Part No. - 8736SDO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8736SDO2V02SX1111 SCHNEIDER-8736SDO2V02SX1111 Datasheet
154Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
8736SDO2V02SX22 SCHNEIDER-8736SDO2V02SX22 Datasheet
156Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
8736SDO2V02SX2222 SCHNEIDER-8736SDO2V02SX2222 Datasheet
155Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
More results

Similar Description - 8736SDO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SGO1V06H30S SCHNEIDER-8536SGO1V06H30S Datasheet
141Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO4V02ES SCHNEIDER-8736SBO4V02ES Datasheet
160Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO8V02S SCHNEIDER-8736SBO8V02S Datasheet
124Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SDO2V03 SCHNEIDER-8736SDO2V03 Datasheet
154Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBA1V02 SCHNEIDER-8736SBA1V02 Datasheet
193Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA4V03 SCHNEIDER-8736SBA4V03 Datasheet
192Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA4V08 SCHNEIDER-8736SBA4V08 Datasheet
192Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA5V06 SCHNEIDER-8736SBA5V06 Datasheet
190Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBO3V02 SCHNEIDER-8736SBO3V02 Datasheet
155Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
8736SBO4V02H309S SCHNEIDER-8736SBO4V02H309S Datasheet
155Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com