Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ9080AJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ9080AJ
Description  Quad channel high-side driver with Current Sense analog feedback for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ9080AJ Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ9080AJ Datasheet HTML 1Page - STMicroelectronics VNQ9080AJ Datasheet HTML 2Page - STMicroelectronics VNQ9080AJ Datasheet HTML 3Page - STMicroelectronics VNQ9080AJ Datasheet HTML 4Page - STMicroelectronics VNQ9080AJ Datasheet HTML 5Page - STMicroelectronics VNQ9080AJ Datasheet HTML 6Page - STMicroelectronics VNQ9080AJ Datasheet HTML 7Page - STMicroelectronics VNQ9080AJ Datasheet HTML 8Page - STMicroelectronics VNQ9080AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Logic
VCC
Gate driver
VCC– OUT
Clamp
limitation
Current
Power limitation
Overtemperature
Sense
Current
Channel 0
control & diagnostic
shut-down
Undervoltage
Internal supply
clamp
VCC– GND
GND
IN0
SEn
FaultRST
OUT0
CS
Reverse battery
Open-Load in OFF
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1,2,3
Power output
GND
Ground connection; must be reverse battery protected by an external diode / resistor network.
INPUT0,1,2,3
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS outputs;
controls output switch state.
CS
analog current sense output pin; it delivers a current proportional to the selected load current.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; enables the CS diagnostic pin.
SEL0,1
Active high compatible with 3 V and 5 V CMOS outputs pin; it addresses the CS multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in case of
fault - if kept low, sets the output to auto-restart mode.
VNQ9080AJ
Block diagram and pin description
DS12654 - Rev 6
page 3/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com