Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT4124 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT4124
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT4124 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT4124 Datasheet HTML 1Page - Continental Device India Limited CMBT4124 Datasheet HTML 2Page - Continental Device India Limited CMBT4124 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
THERMAL CHARACTERISTICS
Tj = P (Rth j–t + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
556 °C/mW
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
–IC = 1 mA; IB = 0
–V(BR)CEO min.
25 V
Collector–base breakdown voltage
–IC = 10 mA; IE = 0
–V(BR)CBO min.
30 V
Emitter–base breakdown voltage
–IE = 10 mA; IC = 0
–V(BR)EBO min.
5 V
Collector cut–off current
–VCB = 20 V; IE = 0 V
–ICBO
max.
50 nA
Emitter cut–off current
VBE = 3 V; IC =0
IEBO
max.
50 nA
Output capacitance at f = 100 kHz
IE = 0; –VCB = 5 V
Cc
max.
4 pF
Input capacitance at f = 100 kHz
IC = 0; –VBE = 0.5 V
Ce
max.
8 pF
Saturation voltages
–IC = 50 mA; –IB = 5 mA
–VCEsat
max.
0.3 V
–IC = 50 mA; –IB = 5 mA
–VBEsat
max.
0.95 V
D.C. current gain
min.
120
–IC = 2 mA; –VCE = 1 V
hFE
max.
360
–IC = 50 mA; –VCE = 1 V
hFE
min.
60
Noise figure at RS = 1 kW
–IC = 100 mA; –VCE = 5 V
f = 10 Hz to 15.7 kHz
NF
max.
6 dB
Small signal current gain
VCE = 1V; IC = 2 mA; f = 1 KHz
hfe
min.
120
max.
480
Transition frequency
VCE = 20V; IC = 10 mA; f = 100 MHz
fT
min.
300 MHz
CMBT4124



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com