Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL957B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CLL957B
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL957B Datasheet(HTML) 2 Page - Continental Device India Limited

  CLL957B Datasheet HTML 1Page - Continental Device India Limited CLL957B Datasheet HTML 2Page - Continental Device India Limited CLL957B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOD - 80C
Mini MELF (LL-34)
All Dimensions are in mm
SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
Drawings are not to scale
All Dimensions are in mm
All Dimensions are in mm
3.50
0.35
0.35
Cathode band
± 0.20
± 0.05
± 0.05
Identification Label
Part Number
Date Code
Quantity
10.4
±0.5
1.5
120°
180
2.0
1.4
180 mm (7")
2,500
Reel ø
No. of Device
8.4
Notes:
1. Maximum of 0.5% of the total number of components per
reel may be missing-exclusively at the beginning and at
the end of the reel.
2. A maximum of three consecutive components may be
missing, provided this gap is followed by six consecutive
components.
TAPE & REEL
De-reeling direction
2.5
0.3
MAX
ø1.6
ø1.4
2.0
±0.2
MAX
De-reeling direction
Tape leader/carrier leader
Carrier trailer
300mm (75 empty
160mm (40 empty
compartments)
compartments)
SOD-80C T&R
2.5K/reel
225 gm/2.5K pcs 9" x 9" x 9"
40K
18" x 12" x 10"
19" x 19" x 20"
80K
320K
7.2 kgs
28.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 3
CLL957A - CLL978A
CLL957Rev 310101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com