Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL960B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL960B
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL960B Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL960B Datasheet HTML 1Page - Continental Device India Limited CLL960B Datasheet HTML 2Page - Continental Device India Limited CLL960B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON ZENER DIODES
CLL957A - CLL978A
Operating and Storage Junction Temperature Range
Tj, Tstg -65 to +200 ºC
Polarity : Cathode indicated by colour band.
Note 1 : CLL957 Series : Suffix A ± 10% tolerance; Suffix B ± 5% tolerance. Note 2 : Pulse test : 20ms
≤ tp ≤ 50ms.
CLL957A to CLL978A, 500mW Hermetically Sealed, Glass Silicon Zener Diodes
Nominal
Test
Max Zener Impedance
Max Reverse Current
Type
Zener Voltage
Current
(Note 4)
Maximum
No.
V
Z
I
ZT
DC Zener Current I
R Maximum Test Voltage Vdc
(Note 1)
(Note 1, 2)
(Note 2) Z
ZT @ IZT ZZK @ IZK
I
ZK
I
ZM
µA
V
R
Volts
mA
Ohms
Ohms
mA
mA
5%
10%
CLL957A
6.8
18.5
4.5
700
1.0
47.0
61.0
150
5.2
4.9
CLL958A
7.5
16.5
5.5
700
0.5
42.0
55.0
75
5.7
5.4
CLL959A
8.2
15.0
6.5
700
0.5
38.0
50.0
50
6.2
5.9
CLL960A
9.1
14.0
7.5
700
0.5
35.0
45.0
25
6.9
6.6
CLL961A
10.0
12.5
8.5
700
0.25
32.0
41.0
10
7.6
7.2
CLL962A
11.0
11.5
9.5
700
0.25
28.0
37.0
5
8.4
8.0
CLL963A
12.0
10.5
11.5
700
0.25
26.0
34.0
5
9.1
8.6
CLL964A
13.0
9.5
13.0
700
0.25
24.0
32.0
5
9.9
9.4
CLL965A
15.0
8.5
16.0
700
0.25
21.0
27.0
5
11.4
10.8
CLL966A
16.0
7.8
17.0
700
0.25
19.0
37.0
5
12.2
11.5
CLL967A
18.0
7.0
21.0
750
0.25
17.0
23.0
5
13.7
13.0
CLL968A
20.0
6.2
25.0
750
0.25
15.0
20.0
5
15.2
14.4
CLL969A
22.0
5.6
29.0
750
0.25
14.0
18.0
5
16.7
15.8
CLL970A
24.0
5.2
33.0
750
0.25
13.0
17.0
5
18.2
17.3
CLL971A
27.0
4.6
41.0
750
0.25
11.0
15.0
5
20.6
19.4
CLL972A
30.0
4.2
49.0
1000
0.25
10.0
13.0
5
22.8
21.6
CLL973A
33.0
3.8
58.0
1000
0.25
9.2
12.0
5
25.1
23.8
CLL974A
36.0
3.4
70.0
1000
0.25
8.5
11.0
5
27.4
25.9
CLL975A
39.0
3.2
80.0
1000
0.25
7.8
10.0
5
29.7
28.1
CLL976A
43.0
3.0
93.0
1500
0.25
7.0
9.6
5
32.7
31.0
CLL977A
47.0
2.7
105.0
1500
0.25
6.4
8.8
5
35.8
33.8
CLL978A
51.0
2.5
125.0
1500
0.25
5.9
8.1
5
38.8
36.7
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CLL957Rev 310101
SOD-80C


Similar Part No. - CLL960B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL914 CENTRAL-CLL914 Datasheet
270Kb / 2P
HIGH SPEED SWITCHING DIODE
CLL914 CENTRAL-CLL914 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CLL960B

ManufacturerPart #DatasheetDescription
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
SILICON ZENER DIODES
RD4.7JS EIC-RD4.7JS Datasheet
39Kb / 3P
SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
EIC discrete Semiconduc...
MZ55B3V0 EIC-MZ55B3V0 Datasheet
156Kb / 2P
SILICON ZENER DIODES
logo
Semikron International
Z5SMC1 SEMIKRON-Z5SMC1_09 Datasheet
45Kb / 2P
Zener silicon diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com