Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS07-PA Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # MS07-PA
Description  MS07-PA SERIES MAGNETIC FLOAT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MS07-PA Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  MS07-PA Datasheet HTML 1Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36 ±0,20
A
A
16,55 ±0,15
16 ±0,25
18,15 ±0,15
A-A
N
S
cavity number
a
Float
Material
PA
Colour
white
Density (delivery status) N/A
g/cm³
Magnet
Type
Ring magnet
Material
Barium Ferrite
Density typ.
N/A
g/cm³
Article.No
4003004150
Min.
Typ.
Max.
Magnetic moment (MS150)
19
21,5
24
µVs*cm
Floatingmagnet
Remarks
axial magnetized
Protection class
N/A
Min.
Typ.
Max.
Overall weight
10,1
11,5
g
Overall density
N/A
g/cm³
Recommendation for min. density of the used medium: Overall density of the Floatmagnet +20%
Tool Nr.
mm
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS
THE SOLE PROPERTY OF StandexMeder Electronics GmbH. ANY
REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF StandexMeder Electronics GmbH
IS PROHIBITED.
StandexMeder
Electronics GmbH
Robert-Bosch-Str.4
78224 Singen
Tel.:+49(0)7731/8399-0
Fax:+49(0)7731/8399-30
Floating magnet
MS07-PA
w.k.
w.k.
28.09.2016
28.09.2016
was 16,15 0,15 mm
issued in swx, previous versions
archived in Navision
a
01
1
1
2500000007
A4
wkovacs
28.09.2016
2:1
DIN ISO 2768-m
Material:
name
date
change
state
Rev.
of
page
Art.Nr./DrawingNr.
dimensions in:
Sheet size:
created:
Weight:
Scale:
Surface
Tolerance
Application
www.standexmeder.com
checked:


Similar Part No. - MS07-PA

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS07546 GOLLEDGE-MS07546 Datasheet
127Kb / 1P
5V OCXO Low profile
logo
ITT Industries
MS07A10-32PW ITT-MS07A10-32PW Datasheet
2Mb / 25P
KPSE High performance crimp contact connectors
MS07A10-32PX ITT-MS07A10-32PX Datasheet
2Mb / 25P
KPSE High performance crimp contact connectors
MS07A10-32PZ ITT-MS07A10-32PZ Datasheet
2Mb / 25P
KPSE High performance crimp contact connectors
MS07A10-32SW ITT-MS07A10-32SW Datasheet
2Mb / 25P
KPSE High performance crimp contact connectors
More results

Similar Description - MS07-PA

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MS01-NBR STANDEX-MS01-NBR Datasheet
193Kb / 1P
MS01-NBR Series Magnetic Float
REV.04 13.04.16
MS01-PA STANDEX-MS01-PA Datasheet
109Kb / 1P
MS01-PA SERIES MAGNETIC FLOAT
Version: 04
MS01-PP STANDEX-MS01-PP Datasheet
85Kb / 1P
MS01-PP SERIES MAGNETIC FLOAT
Version: 05 01.12.10
MS02-NBR STANDEX-MS02-NBR Datasheet
111Kb / 1P
MS02-NBR SERIES MAGNETIC FLOAT
REV.07 12.02.14
MS02-PA STANDEX-MS02-PA Datasheet
68Kb / 1P
MS01-PA SERIES MAGNETIC FLOAT
Version: 14 14.01.11
MS03-PP STANDEX-MS03-PP Datasheet
158Kb / 1P
MS03-PP SERIES MAGNETIC FLOAT
REV.07 28.07.15
MS04-PP STANDEX-MS04-PP Datasheet
61Kb / 1P
MS04-PP SERIES MAGNETIC FLOAT
Version: 02 06.04.09
MS06-2-PP STANDEX-MS06-2-PP Datasheet
143Kb / 2P
MS06-PP SERIES MAGNETIC FLOAT
Version: 02 09.06.11
MS06-6-PP STANDEX-MS06-6-PP Datasheet
122Kb / 1P
MS06-PP SERIES MAGNETIC FLOAT
REV.03 24.11.14
MS08-PP STANDEX-MS08-PP Datasheet
171Kb / 1P
MS08-PP SERIES MAGNETIC FLOAT
Version: 03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com