Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP200DG Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # CAP200DG
Description  Zero1 Loss Automatic X Capacitor Discharge IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CAP200DG Datasheet(HTML) 2 Page - Power Integrations, Inc.

  CAP200DG Datasheet HTML 1Page - Power Integrations, Inc. CAP200DG Datasheet HTML 2Page - Power Integrations, Inc. CAP200DG Datasheet HTML 3Page - Power Integrations, Inc. CAP200DG Datasheet HTML 4Page - Power Integrations, Inc. CAP200DG Datasheet HTML 5Page - Power Integrations, Inc. CAP200DG Datasheet HTML 6Page - Power Integrations, Inc. CAP200DG Datasheet HTML 7Page - Power Integrations, Inc. CAP200DG Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. C 11/18
2
CAP200DG
www.power.com
Figure 3. Pin Configuration.
Pin Functional Description
The pin configuration of Figure 3 ensures that the width of the SO-8
package is used to provide creepage and clearance distance of over
4 mm.
Although electrical connections are only made to pins 2, 3, 6 and 7, it
is recommended that pins 1-4 and pins 5-8 are coupled together on
the PCB – see Applications Section.
PI-5608-020515
D Package (SO-8)
NC
D1
D1
NC
1
2
3
4
8
7
6
5
NC
D2
D2
NC
Figure 4. Placement Options of MOV and C
EXT.
Key Application Considerations
Breakdown Voltage Selection
The system configuration variables include the placement of the
system MOV and X capacitor(s) as well as the differential surge
voltage specifications of the application.
As shown in Table 1, the CAP200DG has a breakdown voltage of
1000 V. For applications where the system MOV is placed in position
1 (MOV
POS1 in Figure 4), the CAP200DG will provide adequate voltage
withstand for surge requirements of 3 kV or higher.
For MOV placement that is not directly across the X Capacitor1 (for
example MOV
POS2 in Figure 4) the 1000 V CAP200DG devices can be
used up to a surge specification of 1.5 kV. For differential surge
voltage specifications of >1.5 kV it is recommended that the MOV
is always placed in the location shown in Figure 4 as MOV
POS1.
It is always recommended that the peak voltage between terminals
D1 and D2 of CAP200DG is measured during surge tests in the final
system. Measurements of peak voltage across CAP200DG during
surge tests should be made with oscilloscope probes having appropri-
ate voltage rating and using an isolated supply to the oscilloscope to
avoid ground currents influencing measurement results. When
making such measurements, it is recommended that 50 V engineer-
ing margin is allowed below the breakdown voltage specification
(for example 950 V with the 1000 V CAP200DG).
PI-7508-012015
X Capacitor1
CEXT
AC
X Capacitor2
MOVPOS1
MOVPOS2
Other EMI
Filter
Components
D1
R1
R2
CAP200DG
D2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com