Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7265C Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # LCS7265C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7265C Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button LCS7265C Datasheet HTML 21Page - Power Integrations, Inc. LCS7265C Datasheet HTML 22Page - Power Integrations, Inc. LCS7265C Datasheet HTML 23Page - Power Integrations, Inc. LCS7265C Datasheet HTML 24Page - Power Integrations, Inc. LCS7265C Datasheet HTML 25Page - Power Integrations, Inc. LCS7265C Datasheet HTML 26Page - Power Integrations, Inc. LCS7265C Datasheet HTML 27Page - Power Integrations, Inc. LCS7265C Datasheet HTML 28Page - Power Integrations, Inc. LCS7265C Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Rev. D 11/22
25
HiperLCS-2
www.power.com
Absolute Maximum Ratings1,2 – LSR2000C
BPS Pin Voltage ..........................................................-0.3 V to 25 V
BPS Current ...............................................................................2 A
D1, D2 Pin Voltage ................................................... -1.5 V to 150 V
FB Pin Voltage .............................................................-0.3 V to 6 V
CMP Pin Voltage ...........................................................-0.3 V to 6 V
G1, G2 Pin Voltage ......................................................-0.3 V to 20 V
IS Pin Voltage...............................................................-0.3 V to 5 V
5VS Pin Voltage ............................................................-0.3 V to 6 V
5VL Pin Voltage (wrt GP) ...............................................-0.3 V to 6 V
FL Pin Voltage (wrt GP) .................................................-0.3 V to 6 V
Junction Temperature3 ................................................ -40 to 150 °C
Storage Temperature .............................................-65 °C to 150 °C
Ambient Temperature ............................................-40 °C to 105 °C
Lead Temperature4 .............................................................. 260 °C
Notes:
1. All voltages referenced to GSA, GSB unless otherwise stated
T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
3. Normally limited by internal circuitry.
4. 1/16” from case for 5 seconds.
5. Absolute maximum voltage for less than 500 msec is 3 V.
Thermal Resistance
Thermal Resistance: InSOP-24D
(q
JA)................................................... 90 °C/W
1
Notes:
1. Pins 2 and 12 soldered to a shared 0.36 sq. inch (232 mm2) 2 oz.
(610 g/m2) copper clad.
Parameter
Conditions
Rating
Units
Ratings for UL1577
Secondary-Side
Power Rating
TAMB = 25 °C
See Note A
820
mW
Secondary-Side
Power Rating
TAMB = 105 °C
300
mW
Secondary-Side
Current Rating
TAMB = 25 °C
See Note A
34
mA
Package Characteristics
Clearance
11.35
mm (min)
Creepage
11.35
mm (min)
Distance Through
Insulation (DTI)
0.4
mm (min)
Transient Isolation
Voltage
6
kV (min)
Comparative Tracking
Index (CTI)
600
-
Note A: Remark regarding UL testing: the secondary side Pin 7 BPS power the IC internal controller on the secondary side and functioned as a
constant current load. The pin is intended to accept a voltage in the 8-24 VDC range, which is shown on the spec, and drew 818 mW max at
the high end of the voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com