Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS702LG Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LCS702LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS702LG Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LCS702LG Datasheet HTML 9Page - Power Integrations, Inc. LCS702LG Datasheet HTML 10Page - Power Integrations, Inc. LCS702LG Datasheet HTML 11Page - Power Integrations, Inc. LCS702LG Datasheet HTML 12Page - Power Integrations, Inc. LCS702LG Datasheet HTML 13Page - Power Integrations, Inc. LCS702LG Datasheet HTML 14Page - Power Integrations, Inc. LCS702LG Datasheet HTML 15Page - Power Integrations, Inc. LCS702LG Datasheet HTML 16Page - Power Integrations, Inc. LCS702LG Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Rev. G 05/15
13
LCS700-708
www.power.com
If the input voltage is variable (e.g. no PFC pre-regulator), and the
variation is greater than 24%, the OV threshold should be increased
with external circuitry on the resistor divider. External circuitry is
also needed if V
BROWNOUT needs to be reduced below the default ratio.
In the example in the left-hand side of Figure 14 the resistor divider is
set so that brown-in threshold is 376 V, just under the V
PFC set-point of
385 V. The OV shutdown threshold is 495 V, which gives adequate
margin against the device max V
DS rating of 530 V. This minimizes
required minimum LLC gain, and minimizes the peak current at
brown-out. In the example on the right of Figure 14, the OV restart
threshold is set to 418 V, just above V
PFC. This maximizes hold-up
time for a given bulk capacitor value.
The OV/UV pin has an integrated 5 MW pull-down to detect pin-open
fault conditions.
The recommended pull-down resistor value for the OV/UV pin divider
is 20 kW - 22 kW. A very large resistor value will cause the pin
pull-down current to affect accuracy, and a small value will increase
power loss.
DT/BF Pin
The DT/BF pin senses the voltage divider ratio by entering into a
high-impedance mode for 500 ms after VCC is applied. It senses the
pin voltage, before the HiperLCS starts switching. See Figure 15.
There are 3 discrete Burst Threshold settings that can be selected.
(This determines the burst start and stop switching frequencies, see
Table 3).
For proper selection, set the ratio of R
BURST to RFMAX as per Table 3.
The Burst Threshold setting is stored until VCC is powered down.
After the Burst Threshold detection, the DT/BF pin operates in normal
mode, sinking current, resembling a diode to ground, with a Thevenin
equivalent circuit of nominally 0.66 V and
1.1 kW. The current from the resistor divider into the pin, determines
the dead-time and the maximum frequency f
MAX. The relationship
between dead-time and f
MAX is fixed and approximated by:
Time
-
f
kHz
Dead
ns
27 000
0
MAX
=
^
^
h
h
The relationship between DT/BF pin current and f
MAX, and switching
frequency vs. FEEDBACK pin current (which has the same character-
istic), is show in Figure 16.
The burst mode start and stop frequency thresholds are fixed
fractions of f
MAX, which depend on the Burst Threshold setting, as set
by the resistor divider ratio on the DT/BF pin.
Figure 14. OV/UV Pin Voltage Thresholds, at Minimum and Maximum Divider Ratios, for 385 V Nominal Input Voltage.
495 V
VOVH
376 V
VSDH
298 V
VSDL
475 V
VOVL
Enable pin resistor divider chosen
for minimum required LLC gain
200 V
385 V
436 V
VOVH
331 V
VSDH
262 V
VSDL
418 V
VOVL
Enable pin resistor divider chosen
for minimum hold-up capacitance
200 V
385 V
PI-6154-113010
RFMAX
RBURST
GND
VREF
DT/BF
PI-6460-051811
Figure 15. DT/BF Pin Divider.
Table 3.
Burst Threshold Selection Table.
Table 4.
Nominal Burst Start and Stop Frequencies as Ratios of f
MAX.
Burst Threshold
R
BURST / RFMAX
1
19
2
9
3
5.67
Burst Threshold
Setting
f
START/fMAX
f
STOP/fMAX
1
7/16
8/16
2
6/16
7/16
3
5/16
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com