Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK3205P
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK3205P Datasheet HTML 1Page - Power Integrations, Inc. LNK3205P Datasheet HTML 2Page - Power Integrations, Inc. LNK3205P Datasheet HTML 3Page - Power Integrations, Inc. LNK3205P Datasheet HTML 4Page - Power Integrations, Inc. LNK3205P Datasheet HTML 5Page - Power Integrations, Inc. LNK3205P Datasheet HTML 6Page - Power Integrations, Inc. LNK3205P Datasheet HTML 7Page - Power Integrations, Inc. LNK3205P Datasheet HTML 8Page - Power Integrations, Inc. LNK3205P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Rev. P 06/22
2
LinkSwitch-TN2
www.power.com
Figure 3. Functional Block Diagram. (*Only size 8 P/G Package)
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating current
for both start-up and steady-state operation.
BYPASS (BP/M) Pin:
This pin has multiple functions:
• It is the connection point for an external bypass capacitor for the
internally generated 5.0 V supply.
• It is a mode selector for the current limit value, depending on the
value of the capacitance added. Use of a 0.1 μF capacitor results
in the standard current limit value. Use of a 1 μF capacitor results
in the current limit being reduced, allowing design with lowest cost
surface mount buck chokes.
• It provides a shutdown function. When the current into the BYPASS
pin exceeds I
BPSD for a time equal to 2 to 3 cycles of the internal
oscillator (f
OSC), the device enters auto-restart. This can be used to
provide an output overvoltage protection function with external
circuitry.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is con-
trolled by the FEEDBACK pin. MOSFET switching is terminated when
a current greater than I
FB (49 μA) is delivered into this pin. Line
overvoltage protection is detected when a current greater than I
FBSD
(670 μA) is delivered into this pin for 2 consecutive switching cycles.
PI-7842e-030822
D Package (SO-8C)
BP/M
FB
D
1
2
4
8
7
6
5
S
S
S
S
D
S
FB
S
S/G*
BP/M
P Package (DIP-8C)
G Package (SMD-8C)
8
5
7
1
4
2
S
6
Figure 4. Pin Configuration. (*G for size LNK3208/9)
+
-
+
-
PI-7879b-030822
CLOCK
JITTER
OSCILLATOR
5.0 V
4.5 V
SOURCE
(S)
S
R
Q
DCMAX
AUTO-RESTART
COUNTER
CLOCK
RESET
BYPASS
(BP/M)
VILIMIT
OVL
LEADING
EDGE
BLANKING
OVP
DETECT
THERMAL
SHUTDOWN
DRAIN
(D)
REGULATOR
5.0 V
BYPASS PIN
CAPACITOR
DETECT
BYPASS PIN
UNDERVOLTAGE
FAULT
PRESENT
CURRENT LIMIT
COMPARATOR
FEEDBACK
(FB)
GROUND
(G)*
Q
5.2 V
2.0 V -VT
IFBSD
IFB
SOURCE (S) Pin:
This pin is the power MOSFET source connection. It is also the
ground reference for the BYPASS and FEEDBACK pins.
GROUND (G) Pin:
Size LNK3208/9 P/G package only.
Ground reference for the BYPASS and FEEDBACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com