Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205PD Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # LNK3205PD
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205PD Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button LNK3205PD Datasheet HTML 15Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 16Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 17Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 18Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 19Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 20Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 21Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 22Page - Power Integrations, Inc. LNK3205PD Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Rev. P 06/22
19
LinkSwitch-TN2
www.power.com
Typical Performance Characteristics 900 V
Figure 23. Maximum Allowable Drain Current vs. Drain Voltage.
Figure 25. C
OSS vs. Drain Voltage.
Figure 24. Output Characteristics.
Drain Voltage (V)
2.5
2
1.5
1
0.5
0
0
1000
125 250 375 500 625 750 875
LNK3x94
1.0
LNK3x96
3.0
Scaling Factors:
Current Pulse Width ≤ 500 ns
0.3
0.4
0.5
0.6
0
0
5
10
15
20
Drain Voltage VDS (V)
0.1
0.2
25 °C
100 °C
LNK3294 1.0
LNK3296 3.3
Scaling Factors:
Drain Voltage (V)
0
100
200
300
400
500
1
100
10
1000
10000
LNK3294 1.0
LNK3296 3.3
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com