Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. LNK4115D Datasheet HTML 10Page - Power Integrations, Inc. LNK4115D Datasheet HTML 11Page - Power Integrations, Inc. LNK4115D Datasheet HTML 12Page - Power Integrations, Inc. LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. LNK4115D Datasheet HTML 15Page - Power Integrations, Inc. LNK4115D Datasheet HTML 16Page - Power Integrations, Inc. LNK4115D Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Rev. F 05/18
13
LinkSwitch-4
www.power.com
Figure 15. Typical LNK4214D and LNK4215D CP Output Characteristic Achieved.
VOUT (V)
IOUT (A)
100%
75%
100%
0
175% 200%
50%
33%
Low Mains
High Mains
VOUTCV(TYP)
IOUTCP(MIN)
IOUTCP(TYP)
IOUT(EXT)
Constant Power
The LNK4214D controller is optimized for fast start-up into loads with
large capacitance. The constant current (CC) pull-up set point of the
VI characteristic is determined by the value of R
CS. The controller
regulates in CC mode until it is above approximately 50% of the
programmed constant voltage (CV) regulation point (set by the values
of R
FB1 and RFB2). It then regulates in a power limited or “constant
power” (CP) mode until the output voltage reaches the CV set point,
at which point it changes to CV mode regulation. The exact trajectory
is dependent on the
input mains voltage.
I
OUT at the point of transition between CP and CV modes, IOUTCP, will be
greater than 57% of I
OUT(EXT) as shown in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com