Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5176F Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # PFS5176F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5176F Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button PFS5176F Datasheet HTML 14Page - Power Integrations, Inc. PFS5176F Datasheet HTML 15Page - Power Integrations, Inc. PFS5176F Datasheet HTML 16Page - Power Integrations, Inc. PFS5176F Datasheet HTML 17Page - Power Integrations, Inc. PFS5176F Datasheet HTML 18Page - Power Integrations, Inc. PFS5176F Datasheet HTML 19Page - Power Integrations, Inc. PFS5176F Datasheet HTML 20Page - Power Integrations, Inc. PFS5176F Datasheet HTML 21Page - Power Integrations, Inc. PFS5176F Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Rev. C 03/22
18
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
VCC parameters PFS527xF Parts (Parts without high voltage start-up power supply circuit)
VCC Operating Range
VCC
0 °C < T
J < 100 °C
7.0
12.0
35.0
V
Series Regulator PFS527XF Parts
REFERENCE Pin Voltage
VDR Pin Voltage
V
REF
V
VDR
VCC > 6.3 V
0°C < T
J < 100 °C
No external load applied on REF and VDR
5.25
V
VDR Pin Start-Up
Threshold
V
VDR(UV+)
0 °C < T
J < 100 °C
5.0
V
VDR UVLO Hysteresis
V
VDR(UV)(HYST)
50
mV
VCC Parameters PFS517xF Parts (Parts with high voltage start-up power supply circuit)
VCC Operating Range
VCC
0 °C < T
J < 100 °C
7.0
12.0
35.0
V
VCC Takes Over VDR and
Reference Supply From
High-Voltage Regulator
From the D Pin
VCC
TO+
VD > 20 V, VCC rising from 0 V
T
J = 25 °C
6.3
V
Series Regulator PFS517xF Parts
REFERENCE Pin Voltage
VDR Pin Voltage (VDR
and REFERENCE pin
Supplied From VCC Pin
V
REF(VCC)
V
VDR(VCC)
VCC > 6.3 V, VD = 0 V to 400 V
0 °C < T
J < 100 °C
5.25
V
REFERENCE Pin Voltage
VDR Pin Voltage (VDR
and REFERENCE Pin
Supplied Through
High-Voltage Regulator
from the D pin)
V
REF(VD)
V
VDR(VD)
VCC = 0 V, VD > 20 V
0 °C < T
J < 100 °C
5.15
V
VDR Pin Start-up
Threshold
V
VDR(UV+)
0 °C < T
J < 100°C
See Note A
5.0
V
Reference VDR UVLO
hysteresis
V
VDR(VH)(HYST)
See Note A
50
mV
Time from V
REF > VREFUV+
Until Device Commences
Switching
t
RESET
Assumes V pin is above brown-in threshold.
See Note A
1.6
3
ms
Valley Sensing
Valley Sensing
Positive Threshold
V
VS1
Voltage on the VS pin rising
T
J = 25 °C
0.88
V
Valley Sensing
Negative Threshold
V
VS2
Voltage on the VS pin falling
T
J = 25 °C
0.48
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com