Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5177F Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # PFS5177F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5177F Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button PFS5177F Datasheet HTML 17Page - Power Integrations, Inc. PFS5177F Datasheet HTML 18Page - Power Integrations, Inc. PFS5177F Datasheet HTML 19Page - Power Integrations, Inc. PFS5177F Datasheet HTML 20Page - Power Integrations, Inc. PFS5177F Datasheet HTML 21Page - Power Integrations, Inc. PFS5177F Datasheet HTML 22Page - Power Integrations, Inc. PFS5177F Datasheet HTML 23Page - Power Integrations, Inc. PFS5177F Datasheet HTML 24Page - Power Integrations, Inc. PFS5177F Datasheet HTML 25Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Rev. C 03/22
21
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +105 °C
(See Note C)
Min
Typ
Max
Units
X Capacitor Discharge D1/D2 Function
Supply Current
I
SUPPLY
T
J = 25 °C
21.7
µ
A
Saturation Current A, D
I
DSAT
2.5
mA
AC Removal
Detection Time
t
DET
Line Cycle Frequency 47-63 Hz
22
31.4
ms
NOTES:
A. Not Tested Parameter. Guaranteed by Design.
B. Tested in Typical Boost PFC Application Circuit
C. Normally limited by internal circuitry
D. Saturation current specifications ensure a natural RC discharge characteristic at all voltages up to 265 VAC peak with the external resistor
values specified in component selection table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com