Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7623C Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # PFS7623C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7623C Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button PFS7623C Datasheet HTML 21Page - Power Integrations, Inc. PFS7623C Datasheet HTML 22Page - Power Integrations, Inc. PFS7623C Datasheet HTML 23Page - Power Integrations, Inc. PFS7623C Datasheet HTML 24Page - Power Integrations, Inc. PFS7623C Datasheet HTML 25Page - Power Integrations, Inc. PFS7623C Datasheet HTML 26Page - Power Integrations, Inc. PFS7623C Datasheet HTML 27Page - Power Integrations, Inc. PFS7623C Datasheet HTML 28Page - Power Integrations, Inc. PFS7623C Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Rev. F 08/20
25
PFS7x23-7x29/7633-7636
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
Over-Current
Protection
I
OCP
PFS7x23H/L
di/dt = 250 mA/ms
T
J(C) = 25 °C
V
V < 2 V
3.8
4.1
4.3
A
V
V > 2.42 V
2.6
2.8
3.0
PFS7x24H/L
di/dt = 300 mA/ms
T
J(C) = 25 °C
V
V < 2 V
4.5
4.8
5.1
V
V > 2.42 V
3.0
3.3
3.5
PFS7x25H/L
di/dt = 400 mA/ms
T
J(C) = 25 °C
V
V < 2 V
5.5
5.9
6.2
V
V > 2.42 V
3.6
4.0
4.4
PFS7x26H
di/dt = 500 mA/ms
T
J(C) = 25 °C
V
V < 2 V
6.8
7.2
7.5
V
V > 2.42 V
4.6
4.9
5.25
PFS7x27H
di/dt = 650 mA/ms
T
J(C) = 25 °C
V
V < 2 V
8.0
8.4
8.8
V
V > 2.42 V
5.35
5.8
6.2
PFS7x28H
di/dt = 800 mA/ms
T
J(C) = 25 °C
V
V < 2 V
9.0
9.5
9.9
V
V > 2.42 V
6.0
6.5
7.1
PFS7x29H
di/dt = 920 mA/ms
T
J(C) = 25 °C
V
V < 2 V
10
10.5
11
V
V > 2.42 V
6.7
7.2
7.7
PFS7633H
di/dt = 250 mA/ms
T
J(C) = 25 °C
3.8
4.1
4.3
PFS7634H
di/dt = 300 mA/ms
T
J(C) = 25 °C
4.5
4.8
5.1
PFS7635H
di/dt = 400 mA/ms
T
J(C) = 25 °C
5.5
5.9
6.2
PFS7636H
di/dt = 500 mA/ms
T
J(C) = 25 °C
6.8
7.2
7.5
Normalized Frequency
at Power Limit
F
LIM
C
REF = 1.0 mF
T
J(C) = 25 °C
±7
%
0 °C < T
J(C) < 100 °C
±10
SOA Protection
Fixed Off-Time
t
OFF(SOA)
T
J(C) = 25 °C
200
250
300
ms
Leading Edge Blanking
(LEB) Time Period
t
LEB
T
J(C) = 25 °C
See Note A
220
ns
Minimum On-Time
in IOCP
t
ON_OCP(MIN)
T
J(C) = 25 °C
400
ns
VCC Auxiliary Power Supply
VCC Operating Range
VCC
UVLO+
12
15
V
Start-Up VCC
(Rising Edge)
VCC
UV(LO+)
0 °C < T
J(C) < 100 °C
9.6
9.85
10.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com