Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA55 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBTA55
Description  SILICON EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBTA55 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBTA55 Datasheet HTML 1Page - Continental Device India Limited CMBTA55 Datasheet HTML 2Page - Continental Device India Limited CMBTA55 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON EPITAXIAL TRANSISTORS
P–N–P transistor
Marking
CMBTA55 = 2H
CMBTA56 = 2G
ABSOLUTE MAXIMUM RATINGS
CMBT A55
A56
Collector–base voltage (open emitter)
–VCBO
max.
60
80 V
Collector–emitter voltage (open base)
–VCEO
max.
60
80 V
Emitter–base voltage (open collector)
–VEBO
max.
4
V
Collector current (d.c.)
–I C
max.
500
mA
Total power dissipation up to Tamb = 25 °C
Ptot
250
mW
D.C. current gain
–IC = 100 mA; –VCE = 1 V
hFE
min.
100
Transition frequency at f = 100 MHz
–IC = 100 mA; –VCE = 1 V
fT
min.
50
MHz
Collector–emitter saturation voltage
–IC = 100 mA; IB = 10 mA
VCEsat
max.
0.25
V
CMBTA55
CMBTA56
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBTA55

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBTA55 RECTRON-CMBTA55 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - CMBTA55

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBTA42 CDIL-CMBTA42 Datasheet
80Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBT3903 CDIL-CMBT3903 Datasheet
95Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA05 CDIL-CMBTA05 Datasheet
156Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA92 CDIL-CMBTA92 Datasheet
141Kb / 3P
SILICON EPITAXIAL TRANSISTORS
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
BF820 TEL-BF820 Datasheet
51Kb / 2P
SILICON EPITAXIAL TRANSISTORS
BF821 TEL-BF821 Datasheet
55Kb / 2P
SILICON EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BF821 CDIL-BF821 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
BF820 CDIL-BF820 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com