Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7726H Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # PFS7726H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7726H Datasheet(HTML) 3 Page - Power Integrations, Inc.

  PFS7726H Datasheet HTML 1Page - Power Integrations, Inc. PFS7726H Datasheet HTML 2Page - Power Integrations, Inc. PFS7726H Datasheet HTML 3Page - Power Integrations, Inc. PFS7726H Datasheet HTML 4Page - Power Integrations, Inc. PFS7726H Datasheet HTML 5Page - Power Integrations, Inc. PFS7726H Datasheet HTML 6Page - Power Integrations, Inc. PFS7726H Datasheet HTML 7Page - Power Integrations, Inc. PFS7726H Datasheet HTML 8Page - Power Integrations, Inc. PFS7726H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Rev. F 08/20
3
PFS7x23-7x29/7633-7636
www.power.com
Description
The HiperPFS™-4 devices incorporate a continuous conduction mode
(CCM) boost PFC controller, gate driver and 600 V power MOSFET in a
single, low-profile (GROUND pin connected) power package. HiperPFS-4
devices eliminate need for external current sense resistors and their
associated power loss, and use an innovative control technique that
adjusts the switching frequency over output load, input line voltage,
and input line cycle.
This control technique maximizes efficiency over the entire load range,
particularly at light loads. Additionally, it minimizes the EMI filtering
requirements due to its wide bandwidth spread spectrum effect. The
HiperPFS-4 uses advanced digital techniques for line monitoring, line
feed-forward scaling, and power factor enhancement; while using
analog techniques for the core controller in order to maintain extremely
low no-load power consumption. The HiperPFS-4 also features an
integrated non-linear error amplifier for enhanced load transient
response, a user programmable Power Good (PG) signal as well as user
selectable power limit functionality. HiperPFS-4 includes Power
Integrations’ standard set of comprehensive protection features, such
as UV, OV, brown-in/out, and hysteretic thermal shutdown. HiperPFS-4
also provides cycle-by-cycle current limit and Safe Operating Area
(SOA) protection of the power MOSFET, output power limiting for
overload protection, and pin-to-pin short-circuit protection
HiperPFS-4’s innovative variable frequency continuous conduction
mode operation (VF-CCM) minimizes switching losses by maintaining a
low average switching frequency, while modulating the switching
frequency in order to suppress EMI, the traditional challenge with
continuous conduction mode solutions. Systems using HiperPFS-4
typically reduce the total X and Y capacitance requirements of the
converter, the inductance of both the boost choke and EMI noise
suppression chokes, thereby reducing overall system size and cost.
Additionally, HiperPFS-4 devices dramatically reduce component count
and board footprint while simplifying system design and enhancing
reliability, when compared with designs that use discrete MOSFETs and
controllers. The innovative variable frequency, continuous conduction
mode controller enables the HiperPFS-4 to realize all of the benefits of
continuous conduction mode operation while leveraging low-cost,
small, simple EMI filters.
Many regions mandate high power factor for many electronic products
with high power requirements. These rules are combined with
numerous application-specific standards that require high power supply
efficiency across the entire load range, from full load to as low as 10%
load. High efficiency at light load is a challenge for traditional PFC
solutions where fixed MOSFET switching frequencies cause fixed
switching losses on each cycle, even at light loads. In addition to
featuring flat efficiency across the load range, HiperPFS-4 also enables
a high power factor of >0.95 at 20% load. HiperPFS-4 simplifies
compliance with new and emerging energy-efficiency standards over a
broad market space in applications such as PCs, LCD TVs, notebooks,
appliances, pumps, motors, fans, printers and LED lighting.
HiperPFS-4’s advanced power packaging technology and high
efficiency simplify the complexity of mounting the IC and thermal
management, while providing very high power capabilities in a single
compact package; these devices are suitable for PFC applications with
maximum continuous power from 75 W to 405 W universal (550 W
high-line only).
Product Highlights
Protected Power Factor Correction Solution
• Incorporates 600 V power MOSFET, controller and gate driver.
• EN61000-3-2 Class C and Class D compliance.
• Integrated protection features reduce external component count
• Accurate built-in brown-in/out protection.
• Accurate built-in undervoltage (UV) protection.
• Accurate built-in overvoltage (OV) protection.
• Hysteretic thermal shutdown (OTP).
• Internal power limiting function for overload protection.
• Cycle-by-cycle power-switch current limit.
• Internal non-linear error amplifier for enhanced load transient
response
• No external current sense resistor required.
• Provides ‘lossless’ internal sensing via sense-FET.
• Reduces component count and system losses.
• Minimizes high current gate drive loop area.
• Minimizes output overshoot and stresses during start-up
• Integrated power limit.
• Improved dynamic response.
• Digitally controlled input line feed-forward gain adjustment for
flattened loop gain across entire input voltage range.
• Eliminates up to 39 discrete components for higher reliability and
lower cost.
Solution for High Efficiency, Low EMI and High PF
• Continuous conduction mode PFC uses novel constant amp-second
[on-time] volt-second [off-time] control.
• High efficiency across load.
• High power factor across load.
• Frequency sliding technique for light load efficiency improvements.
• >95% efficiency from 10% load to full load achievable at
nominal input voltages.
• Variable switching frequency to simplify EMI filter design.
• Varies over line input voltage to maximize efficiency and
minimize EMI filter requirements.
• Varies with input line cycle voltage by >60 kHz to maximize
spread spectrum effect.
Advanced Package for High Power Applications
(H & L Packages)
• Up to 450 W [universal], 610 W [high-line only] peak output power
capability in a highly compact package.
• Simple adhesive or clip mounting to heat sink.
• No insulation pad required and can be directly connected to
heat sink.
• Staggered pin arrangement allows simple routing of board traces
and to meet high-voltage creepage requirements.
• Single package solution for PFC converter reduces assembly costs
and layout size.
SMD Package (C Package)
• Allows the elimination of metal heat sink.
• Use PCB copper foil for heat dissipation.
Pin Functional Description
BIAS POWER (VCC) Pin
This is a 10.2-15 VDC [12 V typical] bias supply used to power the IC.
The bias voltage must be externally clamped to prevent the BIAS
POWER pin from exceeding 15 VDC to ensure long-term reliability
REFERENCE (REF) Pin
This pin is connected to an external bypass capacitor and is used to
program the IC for either FULL or EFFICIENCY power mode. The
external capacitor is connected between the REFERENCE and SIGNAL
GROUND [G] pins. Note: the return trace to the ground pin must not
be shared with other return traces that may pass large return
currents during surge events. The REFERENCE pin has two valid
capacitor values to select ‘Full’ (1.0 mF ±20%) or ‘Efficiency’ (0.1 mF
±20%) power modes.
SIGNAL GROUND (G) Pin
Discrete components used in the feedback circuit, including loop
compensation, decoupling capacitors for the BIAS POWER (VCC),
REFERENCE (REF) and VOLTAGE MONITOR (V) must be referenced to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com