Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA92 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBTA92
Description  SILICON EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBTA92 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBTA92 Datasheet HTML 1Page - Continental Device India Limited CMBTA92 Datasheet HTML 2Page - Continental Device India Limited CMBTA92 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
CMBT A92
A93
Collector–base voltage (open emitter)
–VCBO
max. 300
200 V
Collector–emitter voltage (open base)
–VCEO
max. 300
200 V
Emitter–base voltage (open collector)
–VEBO
max.
5
V
Collector current (d.c.)
–I C
max.
500
mA
Total power dissipation up to Tamb = 25 °C Ptot
max
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL CHARACTERISTICS
Tj = P (Rth j–t + Rth t–s + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
500
K/W
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
–IC = 1 mA; IB = 0
–V(BR)CEO min. 300
200 V
Collector–base breakdown voltage
–IC = 100 µA; IE = 0
–V(BR)CBO min. 300
200 V
Collector cut–off current
–VCB = 200 V; IE = 0
–ICBO
max. 0.25
–
µA
–VCB = 160 V; IE = 0
–ICBO
max. –
0.25
µA
Emitter–base breakdown voltage
–IE = 100 µA; IC = 0
–V(BR)EBO min.
5
V
Emitter cut–off current
IC = 0; –VBE = 3 V;
–IEBO
max. 0.1
0.1 mA
Collector–base capacitance at f= 1 MHz
IE = 0; –VCB = 20 V
Ccb
max.
6
8 pF
Saturation voltages
–IC = 20 mA; –IB = 2 mA
–VCEsat
max. 0.5
0.5 V
–IC = 20 mA; –IB = 2 mA
–VBEsat
max. 0.9
0.9 V
D.C. current gain
–IC = 1 mA; –VCE = 10 V
hFE
min.
25
–IC = 10 mA; –VCE = 10 V
hFE
min.
40
–IC = 30 mA; –VCE = 10 V
hFE
min.
25
CMBTA92
CMBTA93



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com