Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242 Datasheet(PDF) 52 Page - Power Integrations, Inc.

Part # TOP242
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 52 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 46Page - Power Integrations, Inc. TOP242 Datasheet HTML 47Page - Power Integrations, Inc. TOP242 Datasheet HTML 48Page - Power Integrations, Inc. TOP242 Datasheet HTML 49Page - Power Integrations, Inc. TOP242 Datasheet HTML 50Page - Power Integrations, Inc. TOP242 Datasheet HTML 51Page - Power Integrations, Inc. TOP242 Datasheet HTML 52Page - Power Integrations, Inc. TOP242 Datasheet HTML 53Page - Power Integrations, Inc. TOP242 Datasheet HTML 54Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Rev. R 10/20
52
TOP242-250
www.power.com
Revision
Notes
Date
D
-
11/00
E
Added R package (D2PAK).
Corrected abbreviations (s = seconds).
Corrected x-axis units in Figure 11 (
µA).
Added missing external current limit resistor in Figure 25 (R
IL).
Corrected spelling.
Added caption for Table 4.
Corrected Breakdown Voltage parameter condition (T
J = 25 °C).
Corrected font sizes in figures.
Figure 40 replaced.
Corrected schematic component values in Figure 44.
7/01
F
Corrected Power Table value.
9/01
G
Added TOP250 device and F package (TO-262).
Added R package Thermal Impedance parameters and adjusted Output Power values in Table 1.
Adjusted Off-State Current value.
1/02
H
Added note to parameter table for Breakdown Voltage measurement.
Miscellaneous text corrections.
9/02
I
Updated P, Y, R and F package information.
Revised thermal impedances (
q
JA) for all package types.
Expanded Maximum Duty Cycle and deleted Maximum Duty Cycle Reduction Slope parameters.
Corrected DIP-8B and SMD-8B Package Drawings.
4/03
J
Added TOP245P.
Miscellaneous text corrections.
8/03
K
Corrected typographic errors in Figures 4, 6, 20, 28 and 34; and in MULTI-FUNCTION (M) Pin Operation section.
9/03
L
Added TOP246P.
3/04
M
Added lead-free ordering information.
12/04
N
Updated Maximum Duty Cycle conditions.
Minor error corrections.
Added Note 4 to Absolute Maximum Ratings specification.
4/05
O
Added TOP245G and TOP246G
11/05
P
Updated with new Logo, headers and footers only.
05/15
Q
Updated PDIP-8B (P Package) and SMD-8B (G Package) per PCN-16232.
08/16
R
Updated package drawings PDIP-8B and SMD-8B.
10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com