Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # TOP245P
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. TOP245P Datasheet HTML 24Page - Power Integrations, Inc. TOP245P Datasheet HTML 25Page - Power Integrations, Inc. TOP245P Datasheet HTML 26Page - Power Integrations, Inc. TOP245P Datasheet HTML 27Page - Power Integrations, Inc. TOP245P Datasheet HTML 28Page - Power Integrations, Inc. TOP245P Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Rev. R 10/20
25
TOP242-250
www.power.com
The power supply could also be turned on remotely
through a local area network or a parallel or serial port by
driving the optocoupler U4 input LED with a logic signal.
Sometimes it is easier to send a train of logic pulses
through a cable (due to AC coupling of cable, for example)
instead of a DC logic level as a wake up signal. In this
case, a simple RC filter can be used to generate a DC
level to drive U4 (not shown in Figure 45). This remote
on feature can be used to wake up peripherals such as
printers, scanners, external modems, disk drives, etc., as
needed from a computer. Peripherals are usually designed
to turn off automatically if they are not being used for a
period of time, to save power.
In addition to using a minimum number of components,
TOPSwitch-GX provides many technical advantages in this
type of application:
1. Extremely low power consumption in the off mode:
80 mW typical at 110 VAC and 160 mW typical at
230 VAC. This is because, in the remote OFF mode,
the TOPSwitch-GX consumes very little power and the
external circuitry does not consume any current (either
M, L or X pin is open) from the high voltage DC input.
2. A very low cost, low voltage/current, momentary
contact switch can be used.
3. No debouncing circuitry for the momentary switch
is required. During turn-on, the start-up time of the
power supply (typically 10 ms to 20 ms) plus the
microprocessor initiation time act as a debouncing filter,
allowing a turn-on only if the switch is depressed firmly
for at least the above delay time. During turn-off, the
microprocessor initiates the shutdown sequence when
it detects the first closure of the switch and subsequent
bouncing of the switch has no effect. If necessary, the
microprocessor could implement the switch debouncing
in software during turn-off, or a filter capacitor can be
used at the switch status input.
4. No external current limiting circuitry is needed for the
operation of the U4 optocoupler output due to internal
limiting of M pin current.
5. No high voltage resistors to the input DC voltage rail are
required to power the external circuitry in the primary.
Even the LED current for U3 can be derived from the
CONTROL pin. This not only saves components and
simplifies layout, but also eliminates the power loss
associated with the high voltage resistors in both ON
and OFF states.
6. Robust design: There is no ON/OFF latch that can be
accidentally triggered by transients. Instead, the power
supply is held in the ON-state through the secondary-
side microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com