Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBZ5230B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBZ5230B
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ5230B Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBZ5230B Datasheet HTML 1Page - Continental Device India Limited CMBZ5230B Datasheet HTML 2Page - Continental Device India Limited CMBZ5230B Datasheet HTML 3Page - Continental Device India Limited CMBZ5230B Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CMBZ5229B to CMBZ5261B
4.3V to 47V
SOT-23
Formed SMD Package
Low voltage general purpose voltage regulator diodes.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
UNIT
V
%
mW
mW/ºC
Thermal Resistance Junction to Ambient
°C/mW
mW
mW/ºC
°C/mW
°C
°C
* Device mounted on a ceramic alumina of 8mm x 10mm x 0.7 mm
** Device mounted on an FR5 printed - circuit board
Forward Voltage at IF=10mA VF < 0.9 V & VF at 200mA <1.5V
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZK
ZZT
IR
at VR
Marking
IZ =0.25mA
IZ=IZT
Ta= 25ºC
at 10% Mod
Max
Max
Max
Ω
Ω
Ω
Ω
µµA
V
CMBZ5229B
2000
22
5.0
1.0
8D
CMBZ5230B
1900
19
5.0
2.0
8E
CMBZ5231B
1600
17
5.0
2.0
8F
CMBZ5232B
1600
11
5.0
3.0
8G
CMBZ5233B
1600
7
5.0
3.5
8H
CMBZ5234B
1000
7
5.0
4.0
8J
CMBZ5235B
750
5
3.0
5.0
8K
CMBZ5236B
500
6
3.0
6.0
8L
CMBZ5237B
500
8
3.0
6.5
8M
CMBZ5238B
600
8
3.0
6.5
8N
CMBZ5239B
600
10
3.0
7.0
8P
CMBZ5240B
600
17
3.0
8.0
8Q
CMBZ5241B
600
22
2.0
8.4
8R
CMBZ5242B
600
30
1.0
9.1
8S
CMBZ5243B
600
13
0.5
9.9
8T
CMBZ5244B
600
15
0.1
10
8U
Note1: Pulse Test 20ms < tp < 50ms
CMBZ5229B_61BRev_1 290306E
DESCRIPTION
Derate Above 25ºC
Working Voltage Range
Working Voltage Tolerance
Power Dissipation upto Ta=25ºC
SYMBOL
Power Dissipation upto Ta=25ºC
Thermal Resistance Junction to Ambient
Junction Temperature
Storage Temperature
2.4
Rth (j-a)
417
Derate Above 25ºC
Tj
1.8
Rth (j-a)
6.0
6.2
4.3
4.7
5.1
5.6
14
Zener
Voltage
VZ ( + 5%)
Note1
20
20
6.8
7.5
20
20
Nominal
8.2
8.7
9.1
10
11
12
13
4.3 to 47
+ 5
VALUE
VZ
*Ptot
Tstg
225
150
**Ptot
556
300
- 55 to +150
20
Test
Current
IZT
mA
20
20
20
20
20
20
20
20
20
9.5
9.0
1
2
3
Pin Configuration
1 = ANODE
2 = NC
3 = CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBZ5230B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5230B RECTRON-CMBZ5230B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Continental Device Indi...
CMBZ5230B CDIL-CMBZ5230B Datasheet
39Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - CMBZ5230B

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com