Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBZ5232B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBZ5232B
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ5232B Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBZ5232B Datasheet HTML 1Page - Continental Device India Limited CMBZ5232B Datasheet HTML 2Page - Continental Device India Limited CMBZ5232B Datasheet HTML 3Page - Continental Device India Limited CMBZ5232B Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CMBZ5229B to CMBZ5261B
4.3V to 47V
SOT-23
Formed SMD Package
Forward Voltage at IF=10mA VF < 0.9 V & VF at 200mA <1.5V
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZK
ZZT
IR
Marking
IZ =0.25mA
IZ=IZT
Ta= 25ºC
at VR
@ 10% Mod
Max
Max
Max
Ω
Ω
Ω
Ω
µµA
V
CMBZ5245B
600
16
0.1
11
8V
CMBZ5246B
600
17
0.1
12
8W
CMBZ5247B
600
19
0.1
13
8X
CMBZ5248B
600
21
0.1
14
8Y
CMBZ5249B
600
23
0.1
14
8Z
CMBZ5250B
600
25
0.1
15
81A
CMBZ5251B
600
29
0.1
17
81B
CMBZ5252B
600
33
0.1
18
81C
CMBZ5253B
600
35
0.1
19
81D
CMBZ5254B
600
41
0.1
21
81E
CMBZ5255B
600
44
0.1
21
81F
CMBZ5256B
600
49
0.1
23
81G
CMBZ5257B
700
58
0.1
25
81H
CMBZ5258B
700
70
0.1
27
81J
CMBZ5259B
800
80
0.1
30
81K
CMBZ5260B
800
93
0.1
33
81L
CMBZ5261B
1000
105
0.1
36
81M
Note1: Pulse Test 20ms < tp < 50ms
CMBZ5229B_61BRev_1 290306E
3.0
2.7
Voltage
VZ ( + 5%)
(Note1)
Zener
33
36
Nominal
7.8
7.4
7.0
15
mA
8.5
6.6
6.2
5.6
16
17
18
19
20
22
24
47
43
30
39
25
27
28
3.4
3.2
5.2
5.0
4.6
4.5
4.2
3.8
Test
IZT
Current
Pin Configuration
1 = ANODE
2 = NC
3 = CATHODE
3
1
2
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com