Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1553 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CS1553
Description  SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CS1553 Datasheet(HTML) 1 Page - Continental Device India Limited

  CS1553 Datasheet HTML 1Page - Continental Device India Limited CS1553 Datasheet HTML 2Page - Continental Device India Limited CS1553 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
CS 1553
CS 1555
DO-35
General Purpose, Industrial Applications
Hermetically Sealed Glass With A Stud On Either Side Of The Chip Provides Excellent Stability.
ABSOLUTE MAXIMUM RATINGS(TA=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
CS1553
CS1555
UNIT
Peak Repetitive Reverse Voltage
VRRM
70
35
V
Reverse Voltage (Continuous)
VR
60
30
V
Average Forward Current
IF(AV)
100
mA
Repetitive Peak Forward Current
IFRM
300
mA
Non Repetitive Peak Surge Current (1us)
IFSM
2000
mA
(1 sec)
IFSM
500
mA
Power Dissipation
PTA
300
mW
Operating & Storage Junction
TJ, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=100mA
-
-
1.0
V
Reverse Current
IR
VR=60V
CS 1553
-
-
500
nA
VR=30V
CS 1555
-
-
500
nA
Reverse Breakdown Voltage
VBR
IR=100uA
CS 1553
70
-
-
V
CS 1555
35
-
-
V
Diode Capacitance
Cd
VR=0V, f=1MHz
-
-
3.5
pF
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CS1553

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS1550BL CUI-CS1550BL Datasheet
341Kb / 4P
CURRENT SENSOR
logo
Same Sky Devices
CS1550BL SAMESKY-CS1550BL Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
More results

Similar Description - CS1553

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5194 CDI-DIODE-1N5194 Datasheet
31Kb / 2P
GENERAL PURPOSE SILICON DIODES
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
GENERAL PURPOSE SILICON DIODES
logo
Continental Device Indi...
CT282 CDIL-CT282 Datasheet
146Kb / 3P
SILICON GENERAL PURPOSE DIODE AXIAL LEAD
logo
Semikron International
3EZ1 SEMIKRON-3EZ1_06 Datasheet
46Kb / 1P
Axial lead diode Zener silicon diodes
ZY1 SEMIKRON-ZY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
ZPY1 SEMIKRON-ZPY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
logo
TRANSYS Electronics Lim...
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
Weitron Technology
SR120 WEITRON-SR120 Datasheet
238Kb / 3P
Axial Lead General Purpose Plastic Rectifier
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_13 Datasheet
356Kb / 3P
105C General Purpose Axial Lead Aluminum
logo
M/A-COM Technology Solu...
1N5711 MA-COM-1N5711 Datasheet
498Kb / 3P
General Purpose Axial Lead Glass Packaged Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com