Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA673AC Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA673AC
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA673AC Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA673AC Datasheet HTML 1Page - Continental Device India Limited CSA673AC Datasheet HTML 2Page - Continental Device India Limited CSA673AC Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSA673
CSA673A
TO-92
Plastic Package
Complementary CSC1213 and CSC1213A
Low Frequency Amplifier, Medium Speed Switching
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CSA673
CSA673A
UNIT
Collector Emitter Voltage
VCEO
35
50
V
Collector Base Voltage
VCBO
35
50
V
Emitter Base Voltage
VEBO
44
V
Collector Current
IC
500
500
mA
Collector Power Dissipation
PC
400
400
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
CSA673
CSA673A
UNIT
Collector Emitter Voltage
BVCEO
IC=1mA, IB=0
>35
>50
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
>35
>50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>4
>4
V
Collector Cut off Current
ICBO
VCB=20V, IE = 0
<500
<500
nA
Collector Emitter Saturation
VCE(sat) **
IC=150mA, IB=15mA
<0.6
<0.6
V
Voltage
DC Current Gain
hFE*VCE=3V, IC=10mA
60 - 320
60 - 320
VCE=3V, IC=500mA **
>10
>10
Base Emitter Voltage
VBE
VCE=3V, IC=10mA
typ 0.64
typ 0.64
V
Classification
B
C
D
hFE*
60 - 120
100 - 200
160 - 320
**Pulse Test
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA673AC

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA614 CDIL-CSA614 Datasheet
56Kb / 3P
PNP/NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA614Y RECTRON-CSA614Y Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA643 CDIL-CSA643 Datasheet
250Kb / 3P
PNP SILICON TRANSISTOR
CSA683 CDIL-CSA683 Datasheet
258Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSA684 CDIL-CSA684 Datasheet
258Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSA673AC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
PNP Silicon Planar Epitaxial Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com