Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB834 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB834
Description  PNP SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB834 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB834 Datasheet HTML 1Page - Continental Device India Limited CSB834 Datasheet HTML 2Page - Continental Device India Limited CSB834 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON POWER TRANSISTOR
CSB834
TO-220
Audio Frequency Power Amplifier Applications.
Complementary CSD880
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
7.0
V
Collector Current
IC
3.0
A
Base Current
IB
0.5
A
Power Dissipation @ Ta=25 deg C
PC
1.5
W
Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
100
uA
Emitter Cut off Current
IEBO
VEB=7V, IC=0
-
-
100
uA
Collector Emitter Voltage
VCEO
IC=50mA, IB=0
60
-
-
V
DC Current Gain
hFE
IC=0.5A, VCE=5V
60
-
200
IC=3A, VCE=5V
20
-
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=3A, IB=0.3A
-
-
1.0
V
Base Emitter on Voltage
VBE(on)
IC=0.5A, VCE=5V
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
9.0
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
150
-
pF
f=1MHz
Switching Time
Turn-0n Time
ton
VCC=30V,
-
0.4
-
us
Storage Time
tstg
IB1=IB2=0.2A,
-
1.7
-
us
Fall Time
tf
Pulse Width=20us
-
0.5
-
us
Duty Cycle=1%
hFE CLASSIFICATION:-
O : 60 -120,
Y : 100 -200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB834

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSB800 MURATA-CSB800 Datasheet
439Kb / 11P
Technical Data of Ceramic Resonator
logo
Continental Device Indi...
CSB810 CDIL-CSB810 Datasheet
138Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSB817F CDIL-CSB817F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
CSB817F CDIL-CSB817F Datasheet
154Kb / 4P
TO 3P Plastic Package
CSB817F CDIL-CSB817F_01 Datasheet
154Kb / 4P
TO 3P Plastic Package
More results

Similar Description - CSB834

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com