Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB856 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB856
Description  PNP PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB856 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB856 Datasheet HTML 1Page - Continental Device India Limited CSB856 Datasheet HTML 2Page - Continental Device India Limited CSB856 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP PLASTIC POWER TRANSISTOR
CSB856
TO-220
Plastic Package
LOW FREQUENCY POWER AMPLIFIER
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
50
V
Collector -Base Voltage
VCBO
50
V
Emitter Base Voltage
VEBO
4.0
V
Collector Current Continuous
IC
3.0
A
Power Dissipation @ Tc=25 º C
PD
25
W
Operating & Storage Junction
Tj, Tstg
-65 to +150
º C
Temperature Range
ELECTRICAL CHARACTERISTICS (Tc=25 º C unless specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector cutoff current
ICBO
IE=0;VCB=20V
100
µA
Collector-Emitter Voltage
VCEO
IC=50mA, IB=0
50
V
Collector Base Voltage
VCBO
IC=5mA, IE=0
50
V
Emitter Base Voltage
VEBO
IE=5mA, IC=0
4V
DC Current Gain
hFE **
IC=1A, VCE=4V
35
200
hFE *IC=0.1A, VCE=4V
35
Collector Emitter Saturation Voltage
VCE(SAT)*IC=2A, IB=200mA
1.2
V
VBE(on)*IC=1A, VCE =4V
1.5
V
Transition frequency
fT
IC=0.5A, VCE =4V
35 typ
MHz
*Pulse Test PW=300ms, Duty Cycle=2%
** hFE classification :
A 35-70
B 60-120
C 100-200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB856

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
logo
Rectron Semiconductor
CSB857 RECTRON-CSB857 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSB857B CDIL-CSB857B Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
CSB857C CDIL-CSB857C Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
CSB857D CDIL-CSB857D Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
More results

Similar Description - CSB856

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C43C2 CDIL-C43C2 Datasheet
149Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA715 CDIL-CSA715 Datasheet
66Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB1065 CDIL-CSB1065 Datasheet
138Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB546 CDIL-CSB546 Datasheet
120Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER TRANSISTOR
CSA748 CDIL-CSA748 Datasheet
139Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6111 CDIL-2N6111 Datasheet
193Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6109 CDIL-2N6109 Datasheet
255Kb / 3P
PNP PLASTIC POWER TRANSISTOR
C45C8 CDIL-C45C8 Datasheet
256Kb / 4P
PNP PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com