Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGC55544CV Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLGC55544CV
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLGC55544CV Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLGC55544CV Datasheet HTML 9Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 10Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 11Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 12Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 13Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 14Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 15Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 16Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.07
Page 13 of 19
SLGC55544CV
USB Charging Port Power Switch and Controller
©2022 Renesas Electronics Corporation
Wake On USB
The SLGC55544CV supports low and full speed HID (human interface device like mouse/keyboard) wake function. There are
two scenarios under which wake on mouse are supported by the SLGC55544CV. The specific CTL pin changes that the
SLGC55544CV will override are shown below. The information is presented as CTL1, CTL2, CTL3. The ILIM_SEL pin plays no
role.
1. 111 (CDP/SDP2) to 011 (DCP-Auto)
2. 010 (SDP1) to 011 (DCP-Auto)
Note that the 110 (SDP1) to 011 (DCP-Auto) transition is not supported. This is done for practical reasons since the transition
involves changes to two CTL pins. Depending on which CTL pin changes first, the device will see either a temporary 111 or 010
command. The 010 command is safe but the 111 command will cause an OUT discharge as the SLGC55544CV will instead
proceed to the 111 state.
Output Discharge
To allow a charging port to renegotiate current with a portable device, SLGC55544CV uses the VBUS discharge function. It
proceeds by turning off the power switch while discharging VOUT, then turning back ON the power switch to reassert the VOUT
voltage. This discharge function is automatically applied when a change at the CTLx lines results in any of the following mode
transitions.
•
Any transition to and from CDP
•
Any transition to and from SDP
In addition to this, can be achieved using the mode “000”.
Overcurrent Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied.
The SLGC55544CV senses the short and immediately switches into a constant-current output. In the second condition, a short
or an overload occurs while the device is enabled. At the instant the overload occurs, high currents may flow for nominally one
to two microseconds before the current-limit circuit can react. The device operates in constant-current mode after the current-limit
circuit has responded. Complete shutdown occurs only if the fault is present long enough to activate thermal limiting. The device
will remain off until the junction temperature cools approximately 10°C and will then re-start. The device will continue to cycle
on/off until the over-current condition is removed.
FAULT# Response
The FAULT# open-drain output is asserted (active low) during an over-temperature or current limit condition. The output remains
asserted until the fault condition is removed. The SLGC55544CV is designed to eliminate false FAULT# reporting by using an
internal deglitch circuit for current limit conditions without the need for external circuitry. This ensures that FAULT# is not
Trans-State Time
Transition From
Transition To
Discharge Time (Typ.)
SDP1
CDP
2 s
SDP1
DCP
2 s
CDP
SDP1
2 s
CDP
DCP
2 s
CDP
SDP2
No Discharge
SDP2
CDP
No Discharge
DCP
SDP1,2
250 ms
DCP
CDP
250 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com