Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2713 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2713
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2713 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2713 Datasheet HTML 1Page - Continental Device India Limited CSC2713 Datasheet HTML 2Page - Continental Device India Limited CSC2713 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2713
SOT-23
Formed SMD Package
MARKING
CSC2713
=13
CSC2713G =13G
CSC2713L =13L
Complementary CSA1163
Audio Frequency General Purpose Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
mA
Base Current
IB
mA
Collector Power Dissipation
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
Electrical Characterstics (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=120V, IE=0
100
nA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE
VCE=6V, IC=2mA
200
700
Transition Frequency
fT
VCE=6V, IC=1mA
100
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
4
pF
Noise Figure
NF
VCE=6V, IC=0.1mA, f=1KHz,
Rg=10kΩ
10
dB
hFE Classification
CSC2713Rev_1 021203E
20
125
VALUE
120
120
5
100
150
- 55 to +125
V
G : 200 - 400
L : 350 - 700
Collector Emitter Saturation
Voltage
VCE (sat)
IC=10mA, IB=1mA
0.3
PIN CONFIGURATION (NPN)
1 = BASE
2 = EM ITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2713

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2712 CDIL-CSC2712 Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712BL CDIL-CSC2712BL Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712BLL CDIL-CSC2712BLL Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712G CDIL-CSC2712G Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712GR CDIL-CSC2712GR Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSC2713

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com