Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2688G Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2688G
Description  NPN SILICON EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2688G Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2688G Datasheet HTML 1Page - Continental Device India Limited CSC2688G Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC2688
TO-126
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
300
V
Collector -Emitter Voltage
VCEO
300
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
200
mA
Collector Power Dissipation @ Ta=25 deg C
PC
1.25
W
Collector Power Dissipation @ Tc=25 deg C
PC
10
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=5mA, IB=0
300
-
V
Collector Base Voltage
VCBO
IC=0.1mA, IE=0
300
-
V
Emitter Base Voltage
VEBO
IE=0.1mA,IC=0
5
-
V
Collector Cut off Current
ICBO
VCB=200V, IE=0
-
0.1
uA
Emitter Cut off Current
IEBO
VEB=4V,IC=0
-
0.1
uA
Collector Emitter Saturation Voltage
VCE(Sat)*
IC=50mA,IB=5mA
-
1.5
V
DC Current Gain
hFE*
IC=10mA, VCE=10V
40
250
Dynamic Characteristics
Transition Frequency
ft
VCE=30V,IC=10mA,
50
-
MHz
Feed Back Capacitance
Cre
VCB=30V, IE=0
-
3
pF
f=1MHz
*hFE Classification
R: 40-80
O : 60-120
Y :100-200
G :160-250
*PULSE TEST:PW=350uS, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 2
B
C
E
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2688G

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2611 CDIL-CSC2611 Datasheet
126Kb / 3P
High voltage Amplifier and TV Video Output
CSC2655 CDIL-CSC2655 Datasheet
95Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2655 CDIL-CSC2655 Datasheet
206Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2655NPN CDIL-CSC2655NPN Datasheet
206Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
More results

Similar Description - CSC2688G

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com