Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC3930B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC3930B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC3930B Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC3930B Datasheet HTML 1Page - Continental Device India Limited CSC3930B Datasheet HTML 2Page - Continental Device India Limited CSC3930B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC3930
SOT-23
Formed SMD Package
Marking Symbol : V
Complementary CSA1532
Optimum for RF Amplification of FM/AM Radios
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
mA
Collector Power Dissipation
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
Electrical Characterstics (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB = 10V, IE = 0
0.1
µA
DC Current Gain
*hFE
VCB = 10V,IE = -1mA
70
220
Transition Frequency
fT
VCB=10V, IE = -1mA, f=200 MHz
150
MHz
Noise Figure
NF
VCB=10V, IE = -1mA, f = 5MHz
4
dB
Reverse Transfer Impedance
Zrb
VCB=10V, IE = -1mA, f=2MHz
50
Ω
Common Emitter Reverse-
Transfer Capacitance
Cre
VCE =10V,Ic = 1mA,f=10.7 MHz
1.5
pF
*hFE Classification
B : 70 - 140
C : 110 - 220
Marking
VB
VC
VALUE
30
20
5
30
150
150
- 55 to +150
PIN CONFIGURATION (NPN)
1 = BASE
2 = EM ITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC3930B

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3936 CDIL-CSC3936 Datasheet
106Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CSC3936B CDIL-CSC3936B Datasheet
106Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CSC3936C CDIL-CSC3936C Datasheet
106Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSC3930B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Weitron Technology
PZT5551 WEITRON-PZT5551 Datasheet
443Kb / 4P
NPN Silicon Planar Epitaxial Transistor
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com