Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7212FN Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD7212FN Datasheet HTML 9Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 10Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 11Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 12Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 13Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 14Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 15Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 16Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPD7212FN
2020-07-03
13
© 2020
Toshiba Electronic Devices & Storage Corporation
12. Characteristic curves
The below characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
0.0
2.0
4.0
6.0
8.0
10.0
0
4
8
12
16
20
Supply voltage VDD (V)
IDD - VDD
T
j=25℃
V
INx=L
V
EN=H
0.0
2.0
4.0
6.0
8.0
10.0
-80
-40
0
40
80
120
160
Junction temperature Tj (°C)
IDD - Tj
V
DD=12V
V
INx=L
V
EN=H
0.0
1.0
2.0
3.0
4.0
0
4
8
12
16
20
Supply voltage VDD (V)
VINxH,VINxL - VDD
T
j=25℃
V
INxH
V
INxL
0.0
1.0
2.0
3.0
4.0
-80
-40
0
40
80
120
160
Junction temperature Tj (°C)
VINxH,VINxL - Tj
V
DD=12V
V
INxH
V
INxL
0.0
1.0
2.0
3.0
4.0
0
4
8
12
16
20
Supply voltage VDD (V)
VENH,VENL - VDD
V
ENH
V
ENL
T
j=25℃
0.0
1.0
2.0
3.0
4.0
-80
-40
0
40
80
120
160
Junction temperature Tj (°C)
VENH,VENL - Tj
V
ENH
V
ENL
V
DD=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com