Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD1506R Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD1506R
Description  NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD1506R Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD1506R Datasheet HTML 1Page - Continental Device India Limited CSD1506R Datasheet HTML 2Page - Continental Device India Limited CSD1506R Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN PLASTIC POWER TRANSISTOR
CSD1506
TO126
Plastic Package
Complementary CSB1065
Low Frequency Power Amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage(open emitter)
VCBO
>60
V
Collector Emitter Voltage (open base)
VCEO
>50
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current (DC)
IC
<3.0
A
Collector Current (Pulse) (1)
IC
<4.5
A
Total Power Dissipation@ Tc=25°C
Ptot
<10
W
Total Power Dissipation@ Ta=25°C
Ptot
<1.2
W
Junction Temperature
Tj
<150
OC
Storage Temperature
Tstg
-65 to +150
OC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Cut off Current
ICBO
IE =0, VCB =40V
1.0
µA
Emitter cut off Current
IEBO
VEB =4V, IC =0
1.0
µA
Breakdown Voltages
VCEO
IC =1mA, IB =0
50
V
VCBO
IC =50µA, IE =0
60
V
VEBO
IC =0, IE =50µA
5V
Saturation Voltages
VCE (sat)* IC=2A, IB=0.2A
1V
VBE (sat)*
1.5
V
DC Current Gain
hFE*IC=0.5A,VCE=3V**
56
390
Output Capacitance at f=1MHz
C
O
IE =0, VCB =10V
40
pF
Transition Frequency
fT*IC=0.5A, VCE=5V
90
MHz
(1) Single Pulse PW = 100ms
* Pulse test
**hFE classification : N :56-120
Q:120-270 P: 82-180
R:180-390
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD1506R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD15380F3 TI2-CSD15380F3 Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD15380F3.B TI2-CSD15380F3.B Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD15380F3T TI1-CSD15380F3T Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD15380F3T TI2-CSD15380F3T Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
More results

Similar Description - CSD1506R

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD909 CDIL-CD909 Datasheet
123Kb / 3P
NPN PLASTIC POWER TRANSISTOR
C44VH10 CDIL-C44VH10 Datasheet
209Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CJE13007 CDIL-CJE13007 Datasheet
85Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC1061 CDIL-CSC1061 Datasheet
79Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
MJE270 TEL-MJE270 Datasheet
57Kb / 2P
NPN PLASTIC POWER TRANSISTOR
SJE1349 TEL-SJE1349 Datasheet
78Kb / 2P
NPN PLASTIC POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STH1061 SEMTECH_ELEC-STH1061 Datasheet
184Kb / 3P
NPN Plastic Power Transistor
logo
Continental Device Indi...
CSC2371 CDIL-CSC2371 Datasheet
432Kb / 3P
NPN PLASTIC POWER TRANSISTOR
2N6101 CDIL-2N6101 Datasheet
321Kb / 3P
NPN PLASTIC POWER TRANSISTOR
13005D CDIL-13005D Datasheet
229Kb / 4P
NPN PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com