Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD1833D Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD1833D
Description  NPN SILICON EPITAXIAL POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD1833D Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD1833D Datasheet HTML 1Page - Continental Device India Limited CSD1833D Datasheet HTML 2Page - Continental Device India Limited CSD1833D Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSD1833
(9AW)
TO220
MARKING : AS BELOW
Low Freq. Power AMP.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
100
V
Collector -Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
5
V
Collector Current (DC)
IC
7
A
Pulse*
10
A
Collector Power Dissipation Ta 25degC
PC
2
W
Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
*Single Pulse Pw=100ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
80
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
100
-
-
V
Emitter Base Voltage
VEBO
IE=50uA,IC=0
5
-
-
V
Collector Cut off Current
ICBO
VCB=100V, IE=0
-
-
10
uA
ICEO
VCE=80, IB=0
-
-
1
uA
Emitter Cut off Current
IEBO
VBE=4V,IC=0
-
-
10
uA
Collector Emitter Saturation Voltage
VCE(Sat)**
IC=4A,IB=0,4A
-
-
1
V
Base Emitter Saturation Voltage
VBE(Sat)**
IC=4A,IB=0,4A
-
-
1.5
V
DC Current Gain
hFE**
IC=1A, VCE=5V
60
-
320
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=50mA,
-
5
-
MHz
f=5MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
150
-
pF
f=1MHz
hFE CLASSIFICATION**
D : 60-120;
E : 100-200,
F: 160-320
MARKING
CSD
CSD
CSD
1833D
1833E
1833F
**Pulse Test
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD1833D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
40V N-Channel NexFET??Power MOSFETs
CSD18501Q5A TI2-CSD18501Q5A Datasheet
801Kb / 12P
CSD18501Q5A 40 V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2015
CSD18501Q5A.B TI2-CSD18501Q5A.B Datasheet
801Kb / 12P
CSD18501Q5A 40 V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2015
CSD18501Q5AT TI2-CSD18501Q5AT Datasheet
801Kb / 12P
CSD18501Q5A 40 V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2015
CSD18502KCS TI-CSD18502KCS Datasheet
906Kb / 9P
40-V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD1833D

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
766Kb / 3P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com