Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL13002 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSL13002
Description  NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSL13002 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSL13002 Datasheet HTML 1Page - Continental Device India Limited CSL13002 Datasheet HTML 2Page - Continental Device India Limited CSL13002 Datasheet HTML 3Page - Continental Device India Limited CSL13002 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSL13002
TO-92
Plastic Package
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet.
The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and
Packing Section of the Product Catalogue.
CSL13002Rev_1 200105E
TO-92 Plastic Package
1
2
3
D
G
SEC AA
D
B
A A
1
2
3
F
F
3 2 1
Mold
Parting
Line
All dimensions are in mm
DIM
A
B
C
D
E
F
5 DEG
G
H
K
L
MAX.
5.33
5.20
4.19
0.55
0.50
1.40
1.40
2.082
—
1.20
M
MIN.
4.32
4.45
3.18
0.41
0.35
1.14
1.20
12.70
1.982
1.03
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTONBOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Details
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com